Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603PS-103KL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0603PS-103KL
Description  Power Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603PS-103KL Datasheet(HTML) 2 Page - Coilcraft lnc.

  0603PS-103KL Datasheet HTML 1Page - Coilcraft lnc. 0603PS-103KL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 266-2
Document 266-2
Revised 08/17/09
Power Chip Inductors - 0603PS Series
0.1
1
10
100
1000
110
100
1000
Current (mA)
6.8 µH
3.3 µH
33 µH
1µH
Typical L vs Current
ABC
max
max
max
D
E
F
G
H
IIIII
J
0.102 0.082 0.071 0.049 0.030 0.060 0.013 0.040 0.025 0.025
inches
2,59
2,08
1,80
1,24
0,76
1,52
0,33
1,02
0,64
0,64
mm
A
B
overall
C
Terminal wraparound:
approx 0.012/0,30 both ends
I
I
J
F
G
H
Recommended
Land
Pattern
E
terminal
D
35
30
25
20
15
10
5
0
0.1
110
Frequency (MHz)
10 µH
3.3 µH
6.8 µH
1µH
33 µH
Typical Q vs Frequency
Typical L vs Frequency
1
10
100
1000
0.1
1
10
100
0.1
Frequency (MHz)
33 µH
3.3 µH
1 µH
6.8 µH
-40
-20
0
20
40
60
80
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating
Core material
Ceramic/Ferrite
Core and winding loss
See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 26.4 – 27.9 mg
Ambient temperature –40°C to +65°C with
Irms current, +65°C to
+105°C with derated current
Storage temperature Component: –40°C to +105°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +50 to +150 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″reel; 7500/13″ reel Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 1.8 mm pocket depth
PCB washing Only pure water or alcohol recommended


Similar Part No. - 0603PS-103KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603PS-103KL COILCRAFT-0603PS-103KL Datasheet
276Kb / 2P
   Shielded High SRF Inductors
0603PS-103KLD COILCRAFT-0603PS-103KLD Datasheet
262Kb / 2P
   Shielded High SRF Inductors - 0603PS
More results

Similar Description - 0603PS-103KL

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
   Power Chip Inductors
logo
Allied Components Inter...
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
   Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
   Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
   Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
   Power Chip Inductors
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
   Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
   Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
   Power Chip Inductors
PC03015 ALLIED-PC03015 Datasheet
336Kb / 1P
   Power Chip Inductors
PC0403 ALLIED-PC0403 Datasheet
380Kb / 1P
   Power Chip Inductors
PC0504 ALLIED-PC0504 Datasheet
490Kb / 1P
   Power Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com