Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402HP-23NX_L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0402HP-23NX_L
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402HP-23NX_L Datasheet(HTML) 2 Page - Coilcraft lnc.

  0402HP-23NX_L Datasheet HTML 1Page - Coilcraft lnc. 0402HP-23NX_L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
0402HP Series (1005)
Specifications subject to change without notice.
Please check our website for latest information.
Document 526-2
Document 526-2
Revised 07/16/09
Inductance2
Percent
Test freq
900 MHz
1.7 GHz
SRF typ5
DCR max6
Irms7
Part number1
(nH)
tolerance3
(MHz)
L typ
Q typ4
L typ
Q typ4
(GHz)
(Ohms)
(mA)
0402HP-1N0XJL_
1.0
5
250
0.97
46
0.99
72
16.0
0.030
2300
0402HP-2N0XJL_
2.0
5
250
1.96
58
1.98
85
15.2
0.038
2100
0402HP-2N2XJL_
2.2
5
250
2.17
60
2.17
86
15.1
0.038
2100
0402HP-2N4X_L_
2.4
5,2
250
2.37
60
2.38
83
14.0
0.042
2000
0402HP-2N7X_L_
2.7
5,2
250
2.66
62
2.68
85
13.0
0.056
1500
0402HP-3N3X_L_
3.3
5,2
250
3.26
66
3.28
95
12.8
0.045
1700
0402HP-3N6X_L_
3.6
5,2
250
3.56
65
3.58
94
11.7
0.045
1700
0402HP-3N9X_L_
3.9
5,2
250
3.87
64
3.91
98
9.50
0.045
1700
0402HP-4N3X_L_
4.3
5,2
250
4.26
63
4.33
90
7.15
0.040
1600
0402HP-4N7X_L_
4.7
5,2
250
4.67
58
4.74
83
6.85
0.060
1500
0402HP-5N1X_L_
5.1
5,2
250
5.07
54
5.16
76
6.80
0.100
1200
0402HP-5N6X_L_
5.6
5,2
250
5.56
73
5.66
105
6.50
0.048
1600
0402HP-6N2X_L_
6.2
5,2
250
6.18
73
6.25
100
5.80
0.050
1600
0402HP-6N8X_L_
6.8
5,2
250
6.78
68
6.97
94
5.80
0.055
1500
0402HP-7N5X_L_
7.5
5,2
250
7.49
60
7.77
82
5.40
0.080
1400
0402HP-8N2X_L_
8.2
5,2
250
8.10
68
8.40
95
5.40
0.054
1500
0402HP-8N7X_L_
8.7
5,2
250
8.73
66
9.04
95
5.00
0.058
1500
0402HP-9N0X_L_
9.0
5,2
250
8.99
67
9.21
92
5.00
0.070
1400
0402HP-9N5X_L_
9.5
5,2
250
9.52
64
9.97
90
4.70
0.075
1400
0402HP-10NX_L_
10
5,2
250
9.98
62
10.4
90
4.70
0.085
1300
0402HP-11NX_L_
11
5,2
250
11.0
68
11.6
98
4.70
0.065
1400
0402HP-12NX_L_
12
5,2
250
12.0
66
12.6
100
4.40
0.070
1200
0402HP-13NX_L_
13
5,2
250
13.1
62
13.9
82
4.20
0.140
870
0402HP-15NX_L_
15
5,2
250
15.1
62
16.0
85
3.90
0.078
1100
0402HP-16NX_L_
16
5,2
250
16.2
57
17.3
77
3.70
0.130
850
0402HP-18NX_L_
18
5,2
250
18.2
58
19.5
74
3.55
0.120
900
0402HP-19NX_L_
19
5,2
250
19.2
61
20.7
88
3.50
0.145
850
0402HP-20NX_L_
20
5,2
250
20.3
58
22.0
76
3.50
0.155
780
0402HP-21NX_L_
21
5,2
250
21.3
48
23.2
62
1.70
0.460
450
0402HP-22NX_L_
22
5,2
250
22.3
60
24.4
74
3.30
0.160
800
0402HP-23NX_L_
23
5,2
250
23.3
60
25.5
77
3.30
0.160
800
0402HP-24NX_L_
24
5,2
250
24.5
55
27.1
71
3.15
0.170
700
0402HP-25NX_L_
25
5,2
250
25.5
57
28.3
73
3.15
0.170
700
0402HP-26NX_L_
26
5,2
250
26.6
56
29.3
74
3.15
0.170
700
0402HP-27NX_L_
27
5,2
250
27.3
62
29.5
86
3.20
0.275
450
0402HP-30NX_L_
30
5,2
250
30.8
61
35.0
87
2.90
0.275
450
0402HP-33NX_L_
33
5,2
250
34.0
61
38.3
80
2.80
0.330
490
0402HP-36NX_L_
36
5,2
250
37.1
59
42.2
76
2.80
0.360
480
0402HP-37NX_L_
37
5,2
250
38.2
57
44.0
72
2.70
0.480
470
0402HP-39NX_L_
39
5,2
250
40.5
56
47.0
84
2.60
0.430
450
0402HP-40NX_L_
40
5,2
250
41.3
56
47.4
75
2.60
0.430
450
0402HP-43NX_L_
43
5,2
250
45.0
52
54.1
68
2.50
0.520
450
0402HP-47NX_L_
47
5,2
250
49.0
48
58.9
62
2.40
0.580
420
0402HP-51NX_L_
51
5,2
250
49.1
52
58.8
59
2.30
0.700
360
0402HPH-56NX_L_
56
5,2
250
58.8
56
72.2
64
2.07
0.900
330
0402HPH-68NX_L_
68
5,2
250
72.2
56
91.4
64
1.84
1.00
320
0402HPH-82NX_L_
82
5,2
250
89.7
52
1.75
1.10
315
0402HPH-R10X_L_
100
5,2
250
1.58
1.20
310
0402HPH-R12X_L_
120
5,2
250
1.25
1.20
310
0402HPH-R15X_L_
150
5,2
100
1.14
2.0
240
0402HPH-R18X_L_
180
5,2
100
1.08
2.1
240
0402HPH-R22X_L_
220
5,2
100
0.96
3.1
160
1. When ordering, specify tolerance, termination and packaging codes:
0402HP-82NX
JLW
Tolerance:
G = 2% J = 5% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or S = non-RoHS tin-lead (63/37).
Packaging:
W =7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter W instead.
2. Inductance measured at test frequency using a Coilcraft SMD-F fixture in
an Agilent/HP 4286 impedance analyzer with Coilcraft-provided
correlation pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using an Agilent/HP 4287A with an Agilent/HP 16197 test
fixture.
5. SRF measured using an Agilent/HP 8722ES network analyzer and a
Coilcraft SMD-D test fixture.
6. DCR measured on a micro-ohmmeter and a Coilcraft CCF858 test
fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kits C403A and B contain 20 each of 5% values
Designer’s Kits C403A-2 and B-2 contain 20 each of 2% values


Similar Part No. - 0402HP-23NX_L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HP-23NXGLQ COILCRAFT-0402HP-23NXGLQ Datasheet
108Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-23NXGLQ COILCRAFT-0402HP-23NXGLQ Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-23NXGLW COILCRAFT-0402HP-23NXGLW Datasheet
99Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-23NXJLW COILCRAFT-0402HP-23NXJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
0402HP-23NXJLW COILCRAFT-0402HP-23NXJLW Datasheet
152Kb / 2P
   Chip Inductors - 0402HP Series (1005)
More results

Similar Description - 0402HP-23NX_L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com