Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVC390D-14B Datasheet(PDF) 8 Page - SAMWHA ELECTRIC

Part # SVC390D-14B
Description  SVC Varistors Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SVC390D-14B Datasheet(HTML) 8 Page - SAMWHA ELECTRIC

Back Button SVC390D-14B Datasheet HTML 2Page - SAMWHA ELECTRIC SVC390D-14B Datasheet HTML 3Page - SAMWHA ELECTRIC SVC390D-14B Datasheet HTML 4Page - SAMWHA ELECTRIC SVC390D-14B Datasheet HTML 5Page - SAMWHA ELECTRIC SVC390D-14B Datasheet HTML 6Page - SAMWHA ELECTRIC SVC390D-14B Datasheet HTML 7Page - SAMWHA ELECTRIC SVC390D-14B Datasheet HTML 8Page - SAMWHA ELECTRIC SVC390D-14B Datasheet HTML 9Page - SAMWHA ELECTRIC SVC390D-14B Datasheet HTML 10Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DISC Ceramic Capacitors 129
SAMWHA CAPACITOR Co., Ltd.
128
Applications
Power Supply Circuit Protection
The Protection of semiconducting elements such as
diodes, thyristors, transistors, IC and relays against
transient Voltages.
Similar protection of many types of measuring
instruments, control machinery and communication
equipment and broadcasting equipment against
inductive lightning and switching surges.
Protection of general purpose electrical equipment,
domestic mechinery and appliances. TV and radios
and similar consumer products against lightning and
switching surges.
Line circuit
Varistor voltage selection table (ZL)
Power Supply Voltage
Type
SVC201D -□□A
100V AC
SVC221D -□□A
SVC241D -□□A
SVC271D -□□A*
SVC391D -□□A
200V AC
SVC431D -□□A
SVC471D -□□A*
12V DC
SVC220D -□□B
24V DC
SVC390D -□□B
Line and groud circuit
Varistor voltage selection table(ZE)
Power Supply Voltage
Type
100V AC
SVC431D -□□A
SVC471D -□□A
200V AC
SVC751D -□□A to SVC112D -□□A*
SVC182D -□□A**
Power Supply Voltage
Type
SVC180D -□□B
12V DC
SVC220D -□□B
SVC820D -□□A
24V AC
SVC390D -□□B
SVC820D -□□A
Notes :
① The power supply voltage must not exceed the maximum
allowable circuit voltage.
② Since independent wiring loads and capacitive loads cause
the voltage build-up at the time of opening or closing the
load, use SVC having a varistor voltage as high as
possible.(*mark)
③ The bold faced portions of the type letters vary.
AC/DC
single-phase circuit
AC
three-phase circuit
Notes :
① When subjected to megger testing(500V DC), the insulation
resistance value can decrease due to the leakage current of
the SVC, To avoid this remove the varistor or use* marked
SVC.
② When subjected to dielectric strength test(1000V AC).
remove the SVC or use** marked SVC.
Select varistors taking a note of operating conditions
peculiar to the equipment.
Notes :
The varistor SVC has a capacitance value. Take not of this when
applying them to high-frequency signal circuits.
AC/DC
single-phase circuit
AC
three-phase circuit
Telecommunication Circuit Protection
Varistor voltage selection guied
Power Supply Voltage
Type
12V DC
SVC220D -□□B
24V DC
SVC390D -□□B
100V DC
SVC151D -□□A
SVC201D -□□A
100V AC
SVC221D -□□A
SVC241D -□□A
SVC271D -□□A
Notes :
① The power supply voltage must not exceed the maximum
allowable circuit voltage of the SVC
② Pay due attention to the surge energy generated by the
load.
③ Select SVC referring to the pulse lifetime rating.
④ To further reduce the tendency of sparking across the
contacts connect a capacitors parallel with the SVC. This will
also protect the equipment from electromagnetic wave
jamming.
① Connect the SVC at a position nearer to the equipment than
the overcurrent protection device“Ⅰ”(fuse, MCCB) as is
shown in the diagram.
When the SVC is shorted, the overcurrent protection device
“Ⅰ”operates (trips or blow off the fuse).
② If the overcurrent protection device“Ⅰ”can not be installed
in“Ⅰ”position, connect a fuse at“Ⅱ”position. Select fuse
rated current for the SVC referring to the following table.
③ When“Z2”SVC is connected between the equipment and
ground install an ELCB (Earth Leakage Circuit Breaker). If not
possible, connect a fuse or thermal fuse at“Ⅲ”position.
Installation
① When operated at location near heating element or
exposed to direct sun light, confirm that the ambient
temparature range.
② When operated in dusty or dirty locations, or exposed to
corrosive atomospheres, or where metallic powders or salt
can be expected, be sure to mount within a protective
enclosure.
Molding
When shielding the SVC in a resin molding, take a note of the
materials used and temperature, since they influence the
reliability. For further information please contact SAMWHA
Current, power and energy rating vs, temperature
Electrical Characteristics
Switching Circuit Protection
Application Notes
Overcurrent protection
Varistor voltage selection guide
Protection of relay
(Contact coil)
Protection of
semiconductors
When surges exceed the rating for the SVC, short-circuits or
damages can be expected. Take following precautions.
SVC
05A
07A
10A
14A
20A
05B
07B
10B
14B
20B
Applicable fuse
1 to 2
2 to 3
3 to 5
3 to 10
5 to 15
rated current(A)
Operating ambient temperature
-40℃ to +85℃
Storage temperature
-40℃ to +125℃
Voltage temperatur coefficient
-0.05% ℃
Insulation resistance(at500V)
Over 1000MΩ
SVC Varistors Type


Similar Part No. - SVC390D-14B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC390D-14B ETC1-SVC390D-14B Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC390D-14B

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SV02YS SANKEN-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV04 ETC-SV04 Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Sanken electric
SV-2SS SANKEN-SV-2SS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
VR-60SS SANKEN-VR-60SS Datasheet
14Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV02YS ETC-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com