Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVC220D-10B Datasheet(PDF) 10 Page - SAMWHA ELECTRIC

Part # SVC220D-10B
Description  SVC Varistors Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SVC220D-10B Datasheet(HTML) 10 Page - SAMWHA ELECTRIC

Back Button SVC220D-10B Datasheet HTML 2Page - SAMWHA ELECTRIC SVC220D-10B Datasheet HTML 3Page - SAMWHA ELECTRIC SVC220D-10B Datasheet HTML 4Page - SAMWHA ELECTRIC SVC220D-10B Datasheet HTML 5Page - SAMWHA ELECTRIC SVC220D-10B Datasheet HTML 6Page - SAMWHA ELECTRIC SVC220D-10B Datasheet HTML 7Page - SAMWHA ELECTRIC SVC220D-10B Datasheet HTML 8Page - SAMWHA ELECTRIC SVC220D-10B Datasheet HTML 9Page - SAMWHA ELECTRIC SVC220D-10B Datasheet HTML 10Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SAMWHA CAPACITOR Co., Ltd.
132
Capacitance
Typical values measured at a test frequency of 1kHz
Rated peak transient current : itm
Maximum peak current through the varistor with line voltage
applied.
The maximum peak current with in the varistor voltage change
ratio of ±10% with the standard 8/20㎲ impulse current applied
two times at 5 minute interval.
Rated transient energy : Wtm
Maximum allowable energy for a single impulse of 2ms
square-wave current waveform with rated continuous voltage
applied. Maximum energy rating base on a shift of Vnom of
less than ±10% of initial value.
Pulse lifetime rating
This is expressed as the maximum allowable number of
impulse currents applied.
8/20㎲ impulse current(or 2ms square wave) is applied at
prescribed interval.
This curve also provides for derating current as required with
repetitive pulsing.
Test current waveform
Characteristics tests for Varistors are carried out by using 8/20㎲
test impulses Data such as the maximum clamping
voltage(Vc)and the transient peak current(Itm) are obtained by
using this impulse current
However, for the Vc characteristics of the Axial Package type a
10mA DC squarewave current is used to cary out the test.
Rated RMS Voltage : Vacm
Maximum continuous sinusoidal RMS voltage at 50/60Hz which
may be applied.
Rated DC Voltage : Vdcm
Maximum continuous DC voltage which may be applied.
Rated average power dissipation : Ptam
Maximum average power that can be applied within the
specified ambient temperature.
Surface Mount Disc Capacitors
Surface Mount Disc Capacitors
134


Similar Part No. - SVC220D-10B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC220D-10B ETC1-SVC220D-10B Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC220D-10B

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SV02YS SANKEN-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV04 ETC-SV04 Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Sanken electric
SV-2SS SANKEN-SV-2SS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
VR-60SS SANKEN-VR-60SS Datasheet
14Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV02YS ETC-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com