Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SVC102D-10A Datasheet(PDF) 3 Page - SAMWHA ELECTRIC

Part # SVC102D-10A
Description  SVC Varistors Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SVC102D-10A Datasheet(HTML) 3 Page - SAMWHA ELECTRIC

  SVC102D-10A Datasheet HTML 1Page - SAMWHA ELECTRIC SVC102D-10A Datasheet HTML 2Page - SAMWHA ELECTRIC SVC102D-10A Datasheet HTML 3Page - SAMWHA ELECTRIC SVC102D-10A Datasheet HTML 4Page - SAMWHA ELECTRIC SVC102D-10A Datasheet HTML 5Page - SAMWHA ELECTRIC SVC102D-10A Datasheet HTML 6Page - SAMWHA ELECTRIC SVC102D-10A Datasheet HTML 7Page - SAMWHA ELECTRIC SVC102D-10A Datasheet HTML 8Page - SAMWHA ELECTRIC SVC102D-10A Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DISC Ceramic Capacitors
119
SAMWHA CAPACITOR Co., Ltd.
118
Dimensions
B Type
Maximum Ratings
Applied Voltage
RMS
50/60Hz
(25℃ )
Dia
(mm)
Vacm
(Volts)
Vdcm
(Volts)
Wtm
(Joules)
Ptam
(Watts)
Itm
(Amps)
Vnom
(Volts)
Min.(Volts) Max.(Volts)
Vc
(Volts)
Ip
(Amps)
f=1kHz
(㎊)
Tolerance
Chip
Element
Size
DC
(25℃ )
Energy
Average
Power
Dissipation
Peak ③
Current
(8/20㎲)
Nominal Varistor ④
Peak Voltage
Max. Clamping ⑤
Voltage @ Test
Current(8/20㎲)
Typical
Capacitance
Transient
Characteristics
Device Type
SVC 561D-10A
10
45.0
0.4
2500
920
25
300
SVC 561D-14A
14
350
460
85.0
0.6
4500
560
504
616
920
50
600
SVC 561D-20A
20
150.0
1.0
8000
920
100
1200
SVC 621D-10A
10
45.0
0.4
2500
1025
25
270
SVC 621D-14A
14
385
550
85.0
0.6
4500
620
558
682
1025
50
550
SVC 621D-20A
20
150.0
1.0
8000
1025
100
1100
SVC 681D-10A
10
45.0
0.4
2500
1120
25
250
SVC 681D-14A
14
420
560
90.0
0.6
4500
680
612
748
1120
50
500
SVC 681D-20A
20
160.0
1.0
8000
1120
100
1000
SVC 751D-10A
10
50.0
0.4
2500
1240
25
220
SVC 751D-14A
14
460
615
100.0
0.6
4500
750
675
825
1240
50
450
SVC 751D-20A
20
175.0
1.0
8000
1240
100
900
SVC 781D-10A
10
50.0
0.4
2500
1290
25
220
SVC 781D-14A
14
485
640
105.0
0.6
4500
780
702
858
1290
50
440
SVC 781D-20A
20
180.0
1.0
6500
1290
100
880
SVC 821D-10A
10
55.0
0.4
2500
1355
25
210
SVC 821D-14A
14
510
670
110.0
0.6
4500
820
738
902
1355
50
420
SVC 821D-20A
20
190.0
1.0
6500
1355
100
840
SVC 911D-10A
10
60.0
0.4
2500
1500
25
180
SVC 911D-14A
14
550
745
120.0
0.6
4500
910
819
1001
1500
50
380
SVC 911D-20A
20
215.0
1.0
6500
1500
100
750
SVC 102D-10A
10
65.0
0.4
2500
1650
25
180
SVC 102D-14A
14
625
825
130.0
0.6
4500
1000
900
1100
1650
50
350
SVC 102D-20A
20
230.0
1.0
6500
1650
100
700
SVC 112D-10A
10
70.0
0.4
2500
1815
25
150
SVC 112D-14A
14
680
895
140.0
0.6
4500
1100
990
1210
1815
50
300
SVC 112D-20A
20
250.0
1.0
6500
1815
100
600
SVC 182D-14A
14
1000
1465
24.0
0.6
4500
1800
1620
1980
2970
50
200
SVC 182D-20A
20
400.0
1.0
6500
2970
100
400
Notes :
① The waveform of the maximum DC applied voltage is flat.
When a ripple voltage as from a rectifier source is supplied
make sure that the peak voltage is kept under th Vdcm An
AC applied voltage(50/60Hz) form a since waveshape.
When the distortion in the waveform is extensive make sure
that the peak voltage is less than
times the Vacm.
② Energy : Wtm
Transient energy ratings are given in the Wtm column of the
specifications in Joules(watt-second). The rating is the
maximum allowable energy for a single impulse of 2ms
square-waveform current with continuous voltage applied.
Energy ratings are based on a shift of Vnom of less than
±10% of initial value.
③ Transient peak current(Itm)
The peak current rating. Itm. of varistor is based on an 8/20
㎲ test impulse waveshape. This peak current is the
maximum peak current in which the nominal varistor
voltage shift does not exceed ±10% when the test impulse
is applied once at 5 mimutes intervals.
④ Nominal varistor voltage : Vnom
Indicates the varistor terminal voltage measured with a 1mA
DC applied. -0.1mA DC in the case of the 0.5A and 05B
series.
⑤ Maximum clamping voltage : Vc
Indicates the peak teminal voltage measured with an 8/20㎲
impulse current applied.
Operating ambient temperature : -40℃ to +80℃
Storage temperature : -40℃ to +125℃
UL and CSA recognized(UL 1449, UL 497B or UL 1414, CSA)
SVC varistors have been tested by Underwiter’s
Laboratories, Inc. and Canadian Standards Association
UL File No. E97754, E151195, E154171.
CSA File No. LR78923.
Straight Type
Forming Type
Type
T Max.
D Max. H Max. L Min.
F
Ød
SVC 180D-05B
4.5
7.5
10.0
25
5.0
0.50
SVC 220D-05B
4.5
7.5
10.0
25
5.0
0.50
SVC 270D-05B
4.5
7.5
10.0
25
5.0
0.50
SVC 330D-05B
4.5
7.5
10.0
25
5.0
0.50
SVC 390D-05B
4.5
7.5
10.0
25
5.0
0.50
SVC 470D-05B
4.5
7.5
10.0
25
5.0
0.50
SVC 560D-05B
4.5
7.5
10.0
25
5.0
0.50
SVC 680D-05B
4.5
7.5
10.0
25
5.0
0.50
SVC 180D-07D
4.5
9.0
10.0
25
5.0
0.50
SVC 220D-07D
4.5
9.0
10.0
25
5.0
0.50
SVC 270D-07D
4.5
9.0
10.0
25
5.0
0.50
SVC 330D-07D
4.5
9.0
10.0
25
5.0
0.50
SVC 390D-07D
4.5
9.0
10.0
25
5.0
0.50
SVC 470D-07D
4.5
9.0
10.0
25
5.0
0.50
SVC 560D-07D
4.5
9.0
10.0
25
5.0
0.50
SVC 680D-07D
4.5
9.0
10.0
25
5.0
0.50
SVC 180D-10B
5.0
13.5
16.5
25
7.5
0.70
SVC 220D-10B
5.0
13.5
16.5
25
7.5
0.70
SVC 270D-10B
5.0
13.5
16.5
25
7.5
0.70
SVC 330D-10B
5.0
13.5
16.5
25
7.5
0.70
SVC 390D-10B
5.0
13.5
16.5
25
7.5
0.70
SVC 470D-10B
5.0
13.5
16.5
25
7.5
0.70
SVC 560D-10B
5.0
13.5
16.5
25
7.5
0.70
SVC 680D-10B
5.0
13.5
16.5
25
7.5
0.70
SVC 180D-14B
5.0
17.0
20.0
25
7.5
0.70
SVC 220D-14B
5.0
17.0
20.0
25
7.5
0.70
SVC 270D-14B
5.0
17.0
20.0
25
7.5
0.70
SVC 330D-14B
5.0
17.0
20.0
25
7.5
0.70
SVC 390D-14B
5.0
17.0
20.0
25
7.5
0.70
SVC 470D-14B
5.0
17.0
20.0
25
7.5
0.70
SVC 560D-14B
5.0
17.0
20.0
25
7.5
0.70
SVC 680D-14B
5.0
17.0
20.0
25
7.5
0.70
SVC 180D-20B
6.0
23.0
27.0
30
10.0
0.80
SVC 220D-20B
6.0
23.0
27.0
30
10.0
0.80
SVC 270D-20B
6.0
23.0
27.0
30
10.0
0.80
SVC 330D-20B
6.0
23.0
27.0
30
10.0
0.80
SVC 390D-20B
6.0
23.0
27.0
30
10.0
0.80
SVC 470D-20B
6.0
23.0
27.0
30
10.0
0.80
SVC 560D-20B
6.0
23.0
27.0
30
10.0
0.80
SVC 680D-20B
6.0
23.0
27.0
30
10.0
0.80
Type
T Max.
D Max. H Max. L Min.
F
Ød
SVC 820D-05A
4.5
7.0
10.0
25
5.0
0.50
SVC 101D-05A
4.5
7.0
10.0
25
5.0
0.50
SVC 121D-05A
4.5
7.0
10.0
25
5.0
0.50
SVC 151D-05A
4.5
7.0
10.0
25
5.0
0.50
SVC 201D-05A
4.5
7.0
10.0
25
5.0
0.50
SVC 221D-05A
4.5
7.0
10.0
25
5.0
0.50
SVC 241D-05A
4.5
7.0
10.0
25
5.0
0.50
SVC 271D-05A
4.5
7.0
10.0
25
5.0
0.50
SVC 361D-05A
5.0
7.0
10.0
25
5.0
0.50
SVC 391D-05A
5.0
7.0
10.0
25
5.0
0.50
SVC 431D-05A
6.0
7.0
10.0
25
5.0
0.50
A Type
Type
T Max. D Max. H Max. L Min.
F
Ød
SVC 471D-05A
6.0
7.0
10.0
25
5.0
0.50
SVC 820D-07A
4.5
9.0
12.0
25
5.0
0.50
SVC 101D-07A
4.5
9.0
12.0
25
5.0
0.50
SVC 121D-07A
4.5
9.0
12.0
25
5.0
0.50
SVC 151D-07A
4.5
9.0
12.0
25
5.0
0.50
SVC 201D-07A
4.5
9.0
12.0
25
5.0
0.50
SVC 221D-07A
4.5
9.0
12.0
25
5.0
0.50
SVC 241D-07A
4.5
9.0
12.0
25
5.0
0.50
SVC 271D-07A
4.5
9.0
12.0
25
5.0
0.50
SVC 361D-07A
5.0
9.0
12.0
25
5.0
0.50
SVC 391D-07A
5.0
9.0
12.0
25
5.0
0.50
SVC 431D-07A
6.0
9.0
12.0
25
5.0
0.50
SVC 471D-07A
6.0
9.0
12.0
25
5.0
0.50
SVC 820D-10A
4.5
14.0
17.0
25
7.5
0.70
SVC 101D-10A
4.5
14.0
17.0
25
7.5
0.70
SVC 121D-10A
4.5
14.0
17.0
25
7.5
0.70
SVC 151D-10A
4.5
14.0
17.0
25
7.5
0.70
SVC 201D-10A
4.5
14.0
17.0
25
7.5
0.70
SVC 221D-10A
4.5
14.0
17.0
25
7.5
0.70
SVC 241D-10A
4.5
14.0
17.0
25
7.5
0.70
SVC 271D-10A
4.5
14.0
17.0
25
7.5
0.70
SVC 361D-10A
5.0
14.0
17.0
25
7.5
0.70
SVC 391D-10A
5.0
14.0
17.0
25
7.5
0.70
SVC 431D-10A
6.0
14.0
17.0
25
7.5
0.70
SVC 561D-10A
7.5
14.0
17.0
25
7.5
0.70
SVC 621D-10A
7.5
14.0
17.0
25
7.5
0.70
SVC 681D-10A
7.5
14.0
17.0
25
7.5
0.70
SVC 751D-10A
8.5
14.0
17.0
25
7.5
0.70
SVC 781D-10A
8.5
14.0
17.0
25
7.5
0.70
SVC 821D-10A
8.5
14.0
17.0
25
7.5
0.70
SVC 911D-10A
10.5
14.0
17.0
25
7.5
0.70
SVC 102D-10A
10.5
14.0
17.0
25
7.5
0.70
SVC 112D-10A
10.5
14.0
17.0
25
7.5
0.70
SVC 820D-14A
4.5
17.5
21.0
25
7.5
0.70
SVC 101D-14A
4.5
17.5
21.0
25
7.5
0.70
SVC 121D-14A
4.5
17.5
21.0
25
7.5
0.70
SVC 151D-14A
4.5
17.5
21.0
25
7.5
0.70
SVC 201D-14A
4.5
17.5
21.0
25
7.5
0.70
SVC 221D-14A
4.5
17.5
21.0
25
7.5
0.70
SVC 241D-14A
4.5
17.5
21.0
25
7.5
0.70
SVC 271D-14A
4.5
17.5
21.0
25
7.5
0.70
SVC 361D-14A
5.0
17.5
21.0
25
7.5
0.70
SVC 391D-14A
5.0
17.5
21.0
25
7.5
0.70
SVC 431D-14A
6.0
17.5
21.0
25
7.5
0.70
SVC 471D-14A
6.0
17.5
21.0
25
7.5
0.70
SVC 561D-14A
7.5
17.5
21.0
25
7.5
0.70
SVC 621D-14A
7.5
17.5
21.0
25
7.5
0.70
SVC 681D-14A
7.5
17.5
21.0
25
7.5
0.70
SVC 751D-14A
8.5
17.5
21.0
25
7.5
0.70
SVC 781D-14A
8.5
17.5
21.0
25
7.5
0.70
SVC 821D-14A
8.5
17.5
21.0
25
7.5
0.70
SVC 911D-14A
10.5
17.5
21.0
25
7.5
0.70
SVC 102D-14A
10.5
17.5
21.0
25
7.5
0.70
SVC 112D-14A
10.5
17.5
21.0
25
7.5
0.70
SVC 182D-14A
15.0
17.5
21.0
25
7.5
0.70
SVC 820D-20A
4.5
23.0
28.0
30
10.0
0.70
SVC 101D-20A
4.5
23.0
28.0
30
10.0
0.70
SVC 121D-20A
4.5
23.0
28.0
30
10.0
0.70
SVC 151D-20A
4.5
23.0
28.0
30
10.0
0.70
SVC 201D-20A
4.5
23.0
28.0
30
10.0
0.70
SVC 221D-20A
4.5
23.0
28.0
30
10.0
0.70
SVC 241D-20A
4.5
24.0
28.0
30
10.0
0.70
SVC 271D-20A
4.5
24.0
28.0
30
10.0
0.70
SVC 361D-20A
5.0
24.0
28.0
30
10.0
0.70
SVC 391D-20A
5.0
24.0
28.0
30
10.0
0.70
SVC 431D-20A
6.0
24.0
28.0
30
10.0
0.70
SVC 471D-20A
6.0
24.0
28.0
30
10.0
0.70
SVC 561D-20A
7.5
24.0
28.0
30
10.0
0.80
SVC 621D-20A
7.5
24.0
28.0
30
10.0
0.80
SVC 681D-20A
7.5
24.0
28.0
30
10.0
0.80
SVC 751D-20A
8.5
24.0
28.0
30
10.0
0.80
SVC 781D-20A
8.5
24.0
28.0
30
10.0
0.80
SVC 821D-20A
8.5
24.0
28.0
30
10.0
0.80
SVC 911D-20A
10.5
24.0
28.0
30
10.0
0.80
SVC 102D-20A
10.5
24.0
28.0
30
10.0
0.80
SVC 112D-20A
10.0
24.0
28.0
30
10.0
0.80
SVC 182D-20A
15.0
24.0
28.0
30
10.0
0.80
SVC Varistors Type
(Unit:mm)


Similar Part No. - SVC102D-10A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC102D-10A ETC1-SVC102D-10A Datasheet
2Mb / 17P
   CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC102D-10A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SV02YS SANKEN-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV04 ETC-SV04 Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Sanken electric
SV-2SS SANKEN-SV-2SS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
VR-60SS SANKEN-VR-60SS Datasheet
14Kb / 1P
   Symmetrical type Silicon Varistors
logo
List of Unclassifed Man...
SV02YS ETC-SV02YS Datasheet
15Kb / 1P
   Symmetrical type Silicon Varistors
logo
Panasonic Semiconductor
ERZ-V10D390 PANASONIC-ERZ-V10D390 Datasheet
4Mb / 30P
   Varistors (ZNR Surge Absorber) Type D
14-Dec-20
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
logo
Semikron International
SKVC20A460C SEMIKRON-SKVC20A460C Datasheet
149Kb / 2P
   VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com