Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99XU0182000 Datasheet(PDF) 1 Page - ETRI

Part # 99XU0182000
Description  AC Axial Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

99XU0182000 Datasheet(HTML) 1 Page - ETRI

  99XU0182000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETRI
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trade mark of ECOFIT, group
ETRI
3.62" x 0.98" [ 92x92x25 mm ]
Series
99
AC Axial Fans
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N°2/01-Rev.1
R
Life expectancy
L-10 LIFE AT 40°C:
80 000 hours (ball bearings)
50 000 hours (sleeve bearings)
Additional versions:
Salt spray protected; shock and vibration protected
Marine specifications; wide temperature range
- Plastic filter P/N : F90/T102
- Metal mesh filter P/N : 90-G
Accessories:
- Rubber mounts P/N : AM-10
- Plastic finger guards P/N : PFG-92 and 91-53
- Metal finger guard P/N : 9901-43
Approvals
GAMT 1 listed
AC Motor
Electrical protection: impedance protected
Housing material: zamak
Impeller material: plastic UL 94 VO
Weight: 0,395 kg
Available with:
- flying leads
- speed sensor
Airflow
0,0
0,5
1,0
1,5
2,0
2,5
0246
8
10
12
[l/s]
[mmH2O]
0,00
0,02
0,04
0,06
0,08
0,10
0
5
10
15
20
25
[CFM]
[In.H2O]
0
1
2
3
4
5
0,0
2,5
5,0
7,5
10,0
12,5
15,0 [l/s]
[mmH2O]
0,00
0,05
0,10
0,15
0,20
0
5
10
15
20
25
30
[CFM]
[In.H2O]
0
2
4
6
8
10
0
5
10
15
20
[l/s]
[mmH2O]
0,00
0,05
0,10
0,15
0,20
0,25
0,30
0,35
0
5
10
15
20
25
30
35
40
[CFM]
[In.H2O]
99XM
50 Hz
60 Hz
99XW
50 Hz
60 Hz
98XU
50 Hz
60 Hz
V
l/s
dB(A)
RPM
Hz
µF
W
mA
mA
Ball
Sleeve
Leads Terminals Min.
°C Max. °C
99XM0182000
115
8
21
1500
50
1
7
75
80
X
X
- 10
70
10
25,5
1800
60
1
6
65
70
X
X
- 10
70
99XM0181000
208-240
8
21
1500
50
1
8
40
45
X
X
- 10
70
10
25,5
1800
60
1
7
35
40
X
X
- 10
70
99XM2182000
115
8
20
1500
50
1
7
75
80
X
X
- 10
55
10
25
1800
60
1
6
65
70
X
X
- 10
55
99XM2181000
208-240
8
20
1500
50
1
8
40
45
X
X
- 10
55
10
25
1800
60
1
7
35
40
X
X
- 10
55
99XW0182000
115
12
32
2200
50
1
8
85
100
X
X
- 10
70
14
35,5
2500
60
1
6
70
90
X
X
- 10
70
99XW0181000
208-240
12
32
2200
50
1
9
50
60
X
X
- 10
70
14
35,5
2500
60
1
7
40
50
X
X
- 10
70
99XU0182000
115
15
38
2700
50
1
12
135
200
X
X
- 10
70
18,5
42
3200
60
1
9
105
190
X
X
- 10
70
99XU0181000
208-240
15
38
2700
50
1
14
70
100
X
X
- 10
70
18,5
42
3200
60
1
11
60
90
X
X
- 10
70
* 99XW & 99XU also available with sleeve bearings: P/N: 99XW2182000 (115V); 99XW2181000 (208-240V); 99XU2182000 (115V); 99XU2181000(208-240V)
Part number
Nominal
voltage
Airflow
Noise
level
Nominal
speed
Frequency Phases Capacitor
Input
power
Nominal
current
Starting
current
Bearing
system
Connection
type
Operating
temperature


Similar Part No. - 99XU0182000

ManufacturerPart #DatasheetDescription
logo
ETRI
99XU0182000 ETRI-99XU0182000 Datasheet
189Kb / 1P
   AC Axial Fans
More results

Similar Description - 99XU0182000

ManufacturerPart #DatasheetDescription
logo
ETRI
125XL0282010 ETRI-125XL0282010_15 Datasheet
258Kb / 1P
   AC Axial Fans
125XR5182002 ETRI-125XR5182002_11 Datasheet
166Kb / 1P
   AC Axial Fans
125XL0182001 ETRI-125XL0182001 Datasheet
185Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000_15 Datasheet
1Mb / 1P
   AC Axial Fans
113XN0181000 ETRI-113XN0181000_12 Datasheet
162Kb / 1P
   AC Axial Fans
99XM0182001 ETRI-99XM0182001 Datasheet
189Kb / 1P
   AC Axial Fans
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
   AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
   AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
   AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
   AC Axial Fans
logo
ebm-papst
4850Z EBMPAPST-4850Z_17 Datasheet
134Kb / 1P
   AC axial fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com