Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB3216PA121 Datasheet(PDF) 7 Page - SAMWHA ELECTRIC

Part # CB3216PA121
Description  BEADS, For Power Line
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB3216PA121 Datasheet(HTML) 7 Page - SAMWHA ELECTRIC

Back Button CB3216PA121 Datasheet HTML 3Page - SAMWHA ELECTRIC CB3216PA121 Datasheet HTML 4Page - SAMWHA ELECTRIC CB3216PA121 Datasheet HTML 5Page - SAMWHA ELECTRIC CB3216PA121 Datasheet HTML 6Page - SAMWHA ELECTRIC CB3216PA121 Datasheet HTML 7Page - SAMWHA ELECTRIC CB3216PA121 Datasheet HTML 8Page - SAMWHA ELECTRIC CB3216PA121 Datasheet HTML 9Page - SAMWHA ELECTRIC CB3216PA121 Datasheet HTML 10Page - SAMWHA ELECTRIC CB3216PA121 Datasheet HTML 11Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SAMWHA ELECTRONICS CO., LTD
v 3216 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
3000
0.06
600
CB3216PJ601
3000
0.03
90
CB3216PA900
3000
0.03
70
CB3216PA700
3000
0.03
120
CB3216PM121
3000
0.06
600
CB3216PK601
3000
0.06
500
CB3216PK501
3000
0.06
600
CB3216PA601
3000
0.06
600
CB3216PM601
3000
0.06
500
CB3216PA501
3000
0.06
300
CB3216PA301
3000
0.03
150
CB3216PA151
3000
0.03
120
CB3216PA121
3000
0.03
100
CB3216PA101
3000
0.03
60
CB3216PA600
3000
0.03
50
CB3216PA500
3000
0.03
35
CB3216PA350
100
3000
0.03
31
CB3216PA310
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
DPS-081104
CHIP BEADS, For Power Line


Similar Part No. - CB3216PA121

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CB3216GA102 SAMWHA-CB3216GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA121 SAMWHA-CB3216GA121 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA151 SAMWHA-CB3216GA151 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA201 SAMWHA-CB3216GA201 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB3216GA301 SAMWHA-CB3216GA301 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

Similar Description - CB3216PA121

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
HF50ACC322513-T TDK-HF50ACC322513-T Datasheet
98Kb / 4P
   Chip Beads For Power Line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
   Chip Beads(SMD) For Power Line
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com