Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB1005GV221 Datasheet(PDF) 11 Page - SAMWHA ELECTRIC

Part # CB1005GV221
Description  BEADS, For Signal Line
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1005GV221 Datasheet(HTML) 11 Page - SAMWHA ELECTRIC

Back Button CB1005GV221 Datasheet HTML 7Page - SAMWHA ELECTRIC CB1005GV221 Datasheet HTML 8Page - SAMWHA ELECTRIC CB1005GV221 Datasheet HTML 9Page - SAMWHA ELECTRIC CB1005GV221 Datasheet HTML 10Page - SAMWHA ELECTRIC CB1005GV221 Datasheet HTML 11Page - SAMWHA ELECTRIC CB1005GV221 Datasheet HTML 12Page - SAMWHA ELECTRIC CB1005GV221 Datasheet HTML 13Page - SAMWHA ELECTRIC CB1005GV221 Datasheet HTML 14Page - SAMWHA ELECTRIC CB1005GV221 Datasheet HTML 15Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
v 2012 SIZE
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
500
0.06
50
CB2012GK500
40
200
0.60
2000
CB2012GA202
100
300
0.45
1000
CB2012GK102
40
300
0.60
2000
CB2012GK202
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
200
0.25
470
CB2012GA471
200
0.30
600
CB2012GA601
200
0.45
1000
CB2012GA102
500
0.08
15
CB2012GK150
300
0.35
470
CB2012GK471
300
0.30
300
CB2012GK301
300
0.30
220
CB2012GK221
300
0.20
150
CB2012GK151
300
0.20
120
CB2012GK121
300
0.40
600
CB2012GK601
200
0.25
300
CB2012GA301
200
0.20
220
CB2012GA221
200
0.15
150
CB2012GA151
200
0.15
120
CB2012GA121
500
0.06
60
CB2012GA600
500
0.06
50
CB2012GA500
500
0.025
30
CB2012GA300
100
500
0.010
10
CB2012GA100
DPS-081104
CHIP BEADS, For Signal Line


Similar Part No. - CB1005GV221

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CB10 EXTECH-CB10 Datasheet
240Kb / 1P
   AC Circuit Breaker Finder/Receptacle Tester
logo
Stackpole Electronics, ...
CB10 SEI-CB10 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Extech Instruments Corp...
CB10-KIT EXTECH-CB10-KIT Datasheet
487Kb / 1P
   Electrical Troubleshooting Kit
logo
XP Power Limited
CB101 XPPOWER-CB101 Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
CB101N XPPOWER-CB101N Datasheet
495Kb / 7P
   MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
More results

Similar Description - CB1005GV221

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MMZ2012Y202B TDK-MMZ2012Y202B Datasheet
915Kb / 29P
   Chip Beads For signal line
MMZ2012 TDK-MMZ2012 Datasheet
276Kb / 7P
   Chip beads For general signal line
MMZ2012R600AT000 TDK-MMZ2012R600AT000 Datasheet
166Kb / 11P
   Chip Beads For general signal line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ0603 TDK-MMZ0603 Datasheet
270Kb / 6P
   Chip beads For general signal line
MPZ0603S220CT000 TDK-MPZ0603S220CT000 Datasheet
116Kb / 10P
   Chip Beads For general signal line
MMZ1608A182BTA00 TDK-MMZ1608A182BTA00 Datasheet
263Kb / 14P
   Chip Beads For general signal line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MMZ1005B121CT000 TDK-MMZ1005B121CT000 Datasheet
175Kb / 11P
   Chip Beads For general signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com