Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS-8830 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. GS-8830
Description  RF Design Verification Test Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

GS-8830 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  GS-8830 Datasheet HTML 1Page - Agilent(Hewlett-Packard) GS-8830 Datasheet HTML 2Page - Agilent(Hewlett-Packard) GS-8830 Datasheet HTML 3Page - Agilent(Hewlett-Packard) GS-8830 Datasheet HTML 4Page - Agilent(Hewlett-Packard) GS-8830 Datasheet HTML 5Page - Agilent(Hewlett-Packard) GS-8830 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Specifications
Input and output
RF input/output
DUT RF IN/OUT
(N1961A front)
Maximum input: 4 W CW, 0 VDC
Maximum output: Typically +15 dBm,
Input impedance: 50 Ohm nominal
CAL RF OUT
(N1961A front)
Maximum output: +15 dBm
Maximum reverse power: 1 W CW, 0 VDC
Nominal impedance: 50 Ohm
External reference input
EXT REF IN
(Located at rear panel of
the rack)
Input frequency: 10 MHz (±5 ppm)
Input level range: 0 to +13 dBm
Input impedance: 50 Ohm nominal
PC/peripheral input/output
USB
Four auxiliary ports are available: one on the front I/O panel, two on the
front panel, and one on the rear panel of the industrial PC
Serial (RS-232)
Two on the front I/O panel, DB9 male connector
LAN
One on the front I/O panel, one on the real I/O panel (for intra/internet
connection) 100 Base-T Ethernet, RJ-45 connector
GPIB
One on the front I/O panel for additional instrument connection
Timebase specification
Internal timebase
Internal timebase of the 8960/E5515C wireless communications test set is
fed to all other instruments in the system. The 8960’s internal oven-
controlled crystal oscillator’s specifications are as follows:
Aging rates: < ±0.1 ppm per year, < ±0.005 ppm peak-to-peak per day
during any 24-hour period starting 24 hours or more after a cold start
Temperature stability: < ±0.01 ppm, frequency variation from +25 °C
over the temperature range 0 to +55 °C
Warm-up time: 5 minutes to be within ±0.1 ppm of frequency at one hour,
15 minutes to be within ±0.01 ppm of frequency at one hour
External timebase
When the external reference signal is present on the EXT REF IN, the
system instruments will be locked to it
Recommended system path loss calibration interval
Nominal
One year
Exception
System path loss calibration must be performed when any of the following
events occur in the related signal path:
Any instrument RF interconnect cable is replaced
Any instrument is calibrated
Any instrument is repaired and re-calibrated
General specifications
Operating conditions
General
Indoor
Storage temperature
–20 to +70 °C
Operating temperature
+10 to +30 °C
Accuracy specified
temperature
+20 to +30 °C (Refer to measurement accuracy specification of individual
radio technology for further information)
Humidity (relative)
5 to 80% relative humidity (non-condensing)
Altitude
0 to 2 km
Power requirement
90 to 254 VAC, 50 to 60 Hz, 4118 VA maximum
Rack dimensions
1.6 m rack (EIA: 32 RU)
Two/three racks
configuration
(H x W x D)
1620 mm x 1200 mm x 905 mm (63.8 in x 47.2 in x 35.6 in)
When mounting work surfaces, maximum extra-depth is 500 mm (19.7 in)
Weight
1.6 m rack x 2 racks
1.6 m rack x 3 racks
505 kg maximum (1,110 lbs)
714 kg maximum (1,570.8 lbs)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn