Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4374B Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # N4374B
Description  Lightwave Component Analyzer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4374B Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button N4374B Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 9Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 10Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 11Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 12Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Specifications for electro-optical measurements at 1550 nm
N4374B system with network analyzer
E5071C -245
Specifications are valid under the stated measurement conditions.
At optical input 1 (“+ 7 dBm max”). At optical input 2 (“+ 17 dBm max”), specifications are typically the same for
10 dB higher incident average and modulated optical power.
For wavelength:
(1550 ±20) nm
(option -101, 102).
System performance
10 MHz to 50 MHz
50 MHz to 0.7 GHz
0.7 GHz to 4.5 GHz
Relative frequency
response uncertainty
DUT response
≥ -18 dB(W/A) [f1]
±0.5 dBe typ.
±0.7 dBe
(±0.5 dBe typ.)
±0.8 dBe
(±0.6 dBe typ.)
≥ -38 dB(W/A)
±0.5 dBe typ.
±0.5 dBe typ
±0.6 dBe typ.
Absolute frequency
response uncertainty
DUT response
≥ -18 dB(W/A) [f1]
±1.3 dBe typ
±2.2 dBe
(±1.3 dBe typ.)
±2.2 dBe
(±1.3 dBe typ.)
Frequency response
repeatability (typ.)
DUT response
≥ -38 dB(W/A) [f1]
±0.02 dBe
±0.02 dBe
±0.02 dBe
Minimum measurable frequency
response (noise floor ) [f2] [f4]
-100 dB(W/A) typ.
-103 dB(W/A)
-103 dB(W/A)
Phase uncertainty
(typ.) [f3]
DUT response
≥-38 dB(W/A) [f1]
-
±1.0°
±1.0°
Group delay uncertainty
Derived from phase uncertainty, see section
“Group delay uncertainty”.
Example: ±1.0° → ±8 ps (0.5 GHz aperture)
[f1]
For DUT optical peak output power ≤ +7 dBm.
[f2]
IFBW = 100 Hz.
[f3]
Except phase wrap aliasing (example: a DUT group delay of 5 ns (1 m cable length) requires a frequency step size of ≤ 0.2 GHz to avoid phase wraps). Excluding a
constant group delay offset of <±0.3 ns typ. (cable length uncertainty < ±0.06 m). A constant group delay offset leads to a phase offset ∆φ = 360° × ∆GD × fmod
(in deg).
[f4]
Average value over frequency range.
(E/O mode)


Similar Part No. - N4374B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4374B HP-N4374B Datasheet
367Kb / 18P
   4.5 GHz Single-Mode
More results

Similar Description - N4374B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4373C HP-N4373C Datasheet
414Kb / 18P
   67 GHz Single-Mode Lightwave Component Analyzer
N4376B HP-N4376B Datasheet
561Kb / 16P
   20 GHz and 26.5 GHz Multimode Lightwave Component Analyzer
N7788B HP-N7788B Datasheet
234Kb / 6P
   Optical Component Analyzer
logo
MKS Instruments.
MULTIGASTFS MKS-MULTIGASTFS Datasheet
127Kb / 2P
   MULTI-COMPONENT ONLINE GAS ANALYZER
logo
Fuji Electric
EDS3-123M FUJI-EDS3-123M Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(5-COMPONENT ANALYZER)
EDS3-141A FUJI-EDS3-141A Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(3-COMPONENT ANALYZER)
logo
List of Unclassifed Man...
TSG601 ETC1-TSG601 Datasheet
155Kb / 2P
   TSG 601 Serial Component Generator, SDA 601 Serial Digital Analyzer
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
logo
Agilent(Hewlett-Packard...
AGL83440C HP-AGL83440C Datasheet
293Kb / 8P
   High-Speed Lightwave Converters
logo
OPLINK Communications I...
PLCS1-S0065 OPLINK-PLCS1-S0065 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com