Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4374B Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # N4374B
Description  Lightwave Component Analyzer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4374B Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  N4374B Datasheet HTML 1Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 2Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 3Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 4Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4374B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Definitions
Generally, all specifications are valid at the stated operat-
ing and measurement conditions and settings, with uninter-
rupted line voltage.
Specifications (guaranteed)
Describes warranted product performance that is valid under
the specified conditions.
Specifications include guard bands to account for the ex-
pected statistical performance distribution, measurement
uncertainties changes in performance due to environmental
changes and aging of components.
Typical values (characteristics)
Characteristics describe the product performance that is
usually met but not guaranteed. Typical values are based on
data from a representative set of instruments.
General characteristics
Give additional information for using the instrument. These
are general descriptive terms that do not imply a level of
performance.
Explanation of terms
Responsivity
For electro-optical devices (e.g. modulators ) this describes
the ratio of the optical modulated output signal amplitude
compared to the RF input amplitude of the device.
For opto-electrical devices (e.g. photodiodes) this describes
the ratio of at the RF amplitude at the device output to the
amplitude of the modulated optical signal input. .
Relative frequency response uncertainty
Describes the maximum deviation of the shape of a mea-
sured trace from the (unknown) real trace. This specification
has strong influence on the accuracy of the 3-dB cut-off fre-
quency determined for the device under test.
Absolute frequency response uncertainty
Describes the maximum difference between any amplitude
point of the measured trace and the (unknown) real value.
This specification is useful to determine the absolute re-
sponsivity of the device versus modulation frequency.
Frequency response repeatability
Describes the deviation of repeated measurement without
changing any parameter or connection relative to the aver-
age of this measurements.
Minimum measurable frequency response
Describes the average measured responsivity when no mod-
ulation signal is present at the device under test. This repre-
sents the noise floor of the measurement system.
LCA electrical port B
LCA optical input
LCA optical output
LCA electrical port A
Definition of LCA input and output names


Similar Part No. - N4374B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4374B HP-N4374B Datasheet
367Kb / 18P
   4.5 GHz Single-Mode
More results

Similar Description - N4374B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4373C HP-N4373C Datasheet
414Kb / 18P
   67 GHz Single-Mode Lightwave Component Analyzer
N4376B HP-N4376B Datasheet
561Kb / 16P
   20 GHz and 26.5 GHz Multimode Lightwave Component Analyzer
N7788B HP-N7788B Datasheet
234Kb / 6P
   Optical Component Analyzer
logo
MKS Instruments.
MULTIGASTFS MKS-MULTIGASTFS Datasheet
127Kb / 2P
   MULTI-COMPONENT ONLINE GAS ANALYZER
logo
Fuji Electric
EDS3-123M FUJI-EDS3-123M Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(5-COMPONENT ANALYZER)
EDS3-141A FUJI-EDS3-141A Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(3-COMPONENT ANALYZER)
logo
List of Unclassifed Man...
TSG601 ETC1-TSG601 Datasheet
155Kb / 2P
   TSG 601 Serial Component Generator, SDA 601 Serial Digital Analyzer
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
logo
Agilent(Hewlett-Packard...
AGL83440C HP-AGL83440C Datasheet
293Kb / 8P
   High-Speed Lightwave Converters
logo
OPLINK Communications I...
PLCS1-S0065 OPLINK-PLCS1-S0065 Datasheet
189Kb / 2P
   Planar Lightwave Circuit Splitters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com