Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5795 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S5795
Description  ISDN S-INTERFACE LOW PROFILE DUAL SMT TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S5795 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S5795 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISDN S-INTERFACE LOW PROFILE DUAL SMT TRANSFORMER
A4(03/02)
Feature
!
Meet the pulse waveform template of CCITT 1.430 when
recommended transformer and chip pair is used.
!
Excellent longitudinal balance.
!
2KVrms isolation voltage
!
Available in tape and reel , or tube packaging.
!
235
peak solder reflow temperature rating.
!
Operating Temperature:0℃ to+70℃.
!
Storage temperature: -25
to +125
..
Electrical Specifications @ 25°C
DCR
(Ω Max ±25%)
Part
Number
Turns Ratio
(±2%)
PRI:SEC
OCL
(mH Min)
CW/W
(pF Max)
L.L
(μH Max)
CD (pF Max)
PRI
PRI
SEC
Δidc(E)
(mA Max)
S5795
1:2
22
100
11
180
2.4
4.4
1
Mechanical
Bothhandusa.com
S5795
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - S5795

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5795 BOTHHAND-S5795 Datasheet
30Kb / 1P
   ISDN S-INTERFACE ISOLATION TRANSFORMER
More results

Similar Description - S5795

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T5007NL PULSE-T5007NL Datasheet
121Kb / 2P
   ISDN S-INTERFACE LOW PROFILE DUAL SMT TRANSFORMERS
logo
Rhombus Industries Inc.
T-18300 RHOMBUS-IND-T-18300 Datasheet
48Kb / 1P
   ISDN S-Interface Low Profile SMT Dual Transformers
T-10554 RHOMBUS-IND-T-10554 Datasheet
29Kb / 1P
   ISDN S-Interface Dual Transformer
T-13502 RHOMBUS-IND-T-13502 Datasheet
31Kb / 1P
   ISDN S-Interface Dual Transformer
T-13503 RHOMBUS-IND-T-13503 Datasheet
32Kb / 1P
   ISDN S-Interface Dual Transformer
T-10502 RHOMBUS-IND-T-10502 Datasheet
28Kb / 1P
   ISDN S-Interface Dual Transformer
T-13556 RHOMBUS-IND-T-13556 Datasheet
33Kb / 1P
   ISDN S-Interface Dual Transformer
T-13504 RHOMBUS-IND-T-13504 Datasheet
32Kb / 1P
   ISDN S-Interface Dual Transformer
T-13554 RHOMBUS-IND-T-13554 Datasheet
32Kb / 1P
   ISDN S-Interface Dual Transformer
T-10501 RHOMBUS-IND-T-10501 Datasheet
28Kb / 1P
   ISDN S-Interface Dual Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com