Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST7920 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part No. ST7920
Description  Chinese Fonts built in LCD controller/driver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7920 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7920 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
ST7920
V4.0
11/49
2008/08/18
Display Data RAM (DDRAM)
There are 64x2 bytes RAM spaces for the Display Data RAM. It can store display data such as 16 characters (16x16)
by 4 lines or 32 characters (8x16) by 4 lines. However, only 2 character-lines (maximum 32 common outputs) can be
displayed at one time. Character codes stored in DDRAM will refer to the fonts specified by CGROM, HCGROM and
CGRAM.
ST7920 can display half-width HCGROM fonts, user-defined CGRAM fonts and full 16x16 CGROM fonts. The
character codes in 0000H~0006H will use user-defined fonts in CGRAM. The character codes in 02H~7FH will use
half-width alpha numeric fonts. The character code larger than A1H will be treated as 16x16 fonts and will be
combined with the next byte automatically. The 16x16 BIG5 fonts are stored in A140H~D75FH while the 16x16 GB
fonts are stored in A1A0H~F7FFH. In short:
1.
To display HCGROM fonts:
Write 2 bytes of data into DDRAM to display two 8x16 fonts. Each byte represents 1 character.
The data is among 02H~7FH.
2.
To display CGRAM fonts:
Write 2 bytes of data into DDRAM to display one 16x16 font.
Only 0000H, 0002H, 0004H and 0006H are acceptable.
3.
To display CGROM fonts:
Write 2 bytes of data into DDRAM to display one 16x16 font.
A140H~D75FH are BIG5 code, A1A0H~F7FFH are GB code.
The higher byte (D15~D8) is written first and the lower byte (D7~D0) is the next.
Please refer to Table 5 for the relationship between DDRAM and the address/data of CGRAM.
CGRAM fonts and CGROM fonts can only be displayed in the start position of each address. (Refer toTable 4)
80
81
82
83
84
85
86
87
88
89
8A
8B
8C
8D
8E
8F
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
S
i
t
r
o
n
i
x
S
T
7
9
2
0
.
.
(
)
.
.
.
Table 4
Incorrect start position


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn