Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST7920 Datasheet(PDF) 46 Page - Sitronix Technology Co., Ltd.

Part No. ST7920
Description  Chinese Fonts built in LCD controller/driver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7920 Datasheet(HTML) 46 Page - Sitronix Technology Co., Ltd.

Back Button ST7920 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 49Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
ST7920
V4.0
46/49
2008/08/18
Application circuit 1:
LCD
:
32-COM x 160-SEG
LCD Voltage :
VCC
1
2
3
4
56
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
1-Mar-2001
Sheet of
File:
D:\Buffer-2\7920V1.DDB
Drawn By:
V0
1
V1
2
V2
3
VXA
4
VXB
5
VXC
6
V3
7
V4
8
VSS
9
VDD
10
XRESET
11
CL1
12
CL2
13
VDD
14
M
15
DOUT
16
RS
17
RW
18
E
19
VSS
20
OSC1
21
OSC2
22
PSB
23
D0
24
D1
25
D2
26
D3
27
D4
28
D5
29
D6
30
C30
69
C31
70
C32
71
C33
72
S64
73
S63
74
S62
75
S61
76
S60
77
S59
78
S58
79
S57
80
S56
81
S55
82
S54
83
S53
84
S52
85
S51
86
S50
87
S49
88
S48
89
S47
90
S46
91
S45
92
S44
93
S43
94
S42
95
S41
96
S40
97
S39
98
U1
ST7920
S88
39
S89
40
S90
41
S91
42
S92
43
S93
44
S94
45
S95
46
S96
47
S48
48
S47
49
S46
50
S45
51
S44
52
S43
53
S42
54
S41
55
S40
56
S1
95
V0
96
V2
97
V3
98
VSS
99
VDD
100
CL1
101
SHL1
102
SHL2
103
CL2
104
DL1
105
DR1
106
DL2
107
DR2
108
M
109
S49
110
U2
ST7921
L1
WDG1603P
C1
104
JP1
HEADER 16
JA
CON2
JK
CON2
1
2
3
J1
CON3
R1
4.7K
R2
4.7K
R3
2.2K
R4
4.7K
R5
4.7K
R6
33K
R7
2K
R9
33
R8
33
VCC
VCC
VCC
VCC
JP2
HEADER 2
VCC
VCC
C30
C31
C32
S39
S40
S41
S42
S43
S44
S45
S46
S47
S48
S49
S50
S51
S52
S53
S54
S55
S56
S57
S58
S59
S60
S61
S62
S63
S64
S65
S104
S105
S106
S107
S108
S109
S110
S111
S112
S152
S153
S154
S155
S156
S157
S158
S159
S160
Paul Yung
11
1.2
Sitronix
ST7920 LCM
R10
10K
CLK
TT1
TT2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn