Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST7920 Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part No. ST7920
Description  Chinese Fonts built in LCD controller/driver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7920 Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7920 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
ST7920
V4.0
26/49
2008/08/18
Serial interface:
ST7920 is in serial interface mode when pulling down PSB pin. Two pins (SCLK and SID) are used to complete the
data transfer. Only write data is available in the serial interface mode.
When chip select (CS) is low, ST7920 serial clock counter and serial data will be reset. Serial transfer counter is set
to the first bit and data register is cleared. After CS is
“L”, any further change on SID or SCLK is not allowed. It is
recommended to keep SCLK at
“L” and SID at the last status before set CS to “L”. For a minimal system with only
one ST7920 and one MPU, only SCLK and SID pins are necessary. CS pin should pull to high.
ST7920
’s serial clock (SCLK) is asynchronous to the internal clock and is generated by MPU. When multiple
instruction/data is transferred, the instruction execution time must be considered. MPU must wait till the previous
instruction is finished and then send the next instruction. ST7920 has no internal instruction buffer area.
When starting a transmission, a start byte is required. It consists of 5 consecutive
“1” (sync character). Serial transfer
counter will be reset and synchronized. Followed by 2-bit flag that indicates: read/write (RW) and register/data
selected (RS) operation. Last 4 bits are filled by
“0”.
After receiving the sync character, RW and RS bits, every 8 bits instruction/data will be separated into 2 groups.
Higher 4 bits (DB7~DB4) will be placed in the first section followed by 4
“0”s. And lower 4 bits (DB3~DB0) will be
placed in the second section followed by 4
“0”s.
1
2
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
1
1
1
1
1
RW RS
0
D7 D6 D5 D4
0
0
0
0
0
0
0
0
D3 D2 D1 D0
CS
SCLK
SID
Synchronizing
Bit string
Higher
data
Lower
data
3
1
st byte
2
nd byte
Timing Diagram of Serial Mode Data Transfer


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn