Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7781 Datasheet(PDF) 4 Page - Sitronix Technology Co., Ltd.

Part # ST7781
Description  262K Color Single - Chip TFT Controller/Driver
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7781 Datasheet(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST7781 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7781 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
ST7781
Ver. 1.7
4
4. Pad Center Coordinates
PAD No.
PIN Name
X
Y
PAD No.
PIN Name
X
Y
1
DUMMY
-8610
-304
41
DB4
-5585
-304
2
SW_EE
-8540
-304
42
DB3
-5505
-304
3
DUMMY
-8470
-304
43
DB2
-5425
-304
4
DUMMY
-8400
-304
44
DB1
-5345
-304
5
DUMMY
-8330
-304
45
DB0
-5265
-304
6
TESTO
-8260
-304
46
DUMMY
-5180
-304
7
IM0
-8190
-304
47
SDO
-5110
-304
8
IM1
-8120
-304
48
SDI
-5040
-304
9
IM2
-8050
-304
49
/RD
-4970
-304
10
IM3
-7980
-304
50
/WR /SCL
-4900
-304
11
DUMMY
-7910
-304
51
RS
-4830
-304
12
TESTO
-7840
-304
52
/CS
-4760
-304
13
TESTO
-7770
-304
53
DUMMY
-4690
-304
14
TESTO
-7700
-304
54
OSC
-4620
-304
15
TESTO
-7630
-304
55
FMARK
-4550
-304
16
TESTO
-7560
-304
56
DUMMY
-4480
-304
17
TESTO
-7490
-304
57
TESTI
-4410
-304
18
TESTO
-7420
-304
58
TESTI
-4340
-304
19
RESET
-7350
-304
59
TESTI
-4270
-304
20
RESET
-7280
-304
60
TESTI
-4200
-304
21
TESTI
-7210
-304
61
DUMMY
-4130
-304
22
TESTI
-7140
-304
62
DUMMY
-4060
-304
23
TESTI
-7070
-304
63
TESTO
-3990
-304
24
TESTI
-7000
-304
64
TESTO
-3920
-304
25
DB17
-6905
-304
65
DUMMY
-3850
-304
26
DB16
-6825
-304
66
DUMMY
-3780
-304
27
DB15
-6745
-304
67
VDDI
-3710
-304
28
DB14
-6665
-304
68
VDDI
-3640
-304
29
DB13
-6585
-304
69
VDDI
-3570
-304
30
DUMMY
-6495
-304
70
VDDI
-3500
-304
31
DB12
-6405
-304
71
VDDI
-3430
-304
32
DB11
-6325
-304
72
VDDI
-3360
-304
33
DB10
-6245
-304
73
VCC
-3290
-304
34
DB9
-6165
-304
74
VCC
-3220
-304
35
DB8
-6085
-304
75
VCC
-3150
-304
36
DUMMY
-5990
-304
76
VCC
-3080
-304
37
DUMMY
-5920
-304
77
VCC
-3010
-304
38
DB7
-5825
-304
78
VCC
-2940
-304
39
DB6
-5745
-304
79
VCC
-2870
-304
40
DB5
-5665
-304
80
VCC
-2800
-304


Similar Part No. - ST7781

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST778 STMICROELECTRONICS-ST778 Datasheet
344Kb / 11P
   LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
October 2002
logo
Sitronix Technology Co....
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
   262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7789V SITRONIX-ST7789V Datasheet
8Mb / 308P
   The ST7789V is a single-chip controller/driver for 262K-color
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
More results

Similar Description - ST7781

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
   262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
   262K Color Single-Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
   262K Color Single-Chip TFT Controller/Driver
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
   262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
   262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
   262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
   262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
   262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
   single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
   132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com