Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7687S Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST7687S
Description  128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7687S Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7687S Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7687S Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 195 page
background image
ST7687S
Ver1.4
11/195
2009/10
4. PAD CENTER COORDINATES
PAD
NAME
X
Y
1
VSS
-5582.5
-257.5
2
VPP
-5502.5
-257.5
3
VPP
-5422.5
-257.5
4
VPP
-5342.5
-257.5
5
VPP
-5262.5
-257.5
6
CL
-5182.5
-257.5
7
CLS
-5102.5
-257.5
8
VSS
-5038
-257.5
9
VDD
-4989
-257.5
10
INTVD1
-4924.5
-257.5
11
A0
-4844.5
-257.5
12
VDD
-4764.5
-257.5
13
RW_WR
-4684.5
-257.5
14
D0
-4584.5
-257.5
15
D1
-4464.5
-257.5
16
D2
-4344.5
-257.5
17
D3
-4224.5
-257.5
18
D4
-4104.5
-257.5
19
D5
-3984.5
-257.5
20
D6
-3864.5
-257.5
21
D7
-3744.5
-257.5
22
T1
-3624.5
-257.5
23
T2
-3504.5
-257.5
24
T3
-3384.5
-257.5
25
T4
-3264.5
-257.5
26
T5
-3144.5
-257.5
27
T6
-3024.5
-257.5
28
T7
-2904.5
-257.5
29
T8
-2784.5
-257.5
30
VSS
-2700
-257.5
31
VDD
-2651
-257.5
32
E_RD
-2586.5
-257.5
33
RW_WR
-2506.5
-257.5
34
A0
-2426.5
-257.5
35
/RST
-2346.5
-257.5
PAD
NAME
X
Y
36
IF1
-2266.5
-257.5
37
IF2
-2186.5
-257.5
38
IF3
-2106.5
-257.5
39
VSS
-2042
-257.5
40
VDD
-1993
-257.5
41
/CS
-1928.5
-257.5
42
/EXT
-1848.5
-257.5
43
TE
-1768.5
-257.5
44
TCAP
-1688.5
-257.5
45
VDD
-1608.5
-257.5
46
VDD
-1528.5
-257.5
47
VDD
-1448.5
-257.5
48
VDD
-1368.5
-257.5
49
VD1in
-1288.5
-257.5
50
VD1in
-1208.5
-257.5
51
VD1in
-1128.5
-257.5
52
VD1in
-1048.5
-257.5
53
VD1out
-968.5
-257.5
54
VD1out
-888.5
-257.5
55
VSS1
-808.5
-257.5
56
VSS1
-728.5
-257.5
57
VSS
-648.5
-257.5
58
VSS
-573
-257.5
59
VSS
-497.5
-257.5
60
VSS
-417.5
-257.5
61
VSS
-337.5
-257.5
62
VSS2
-257.5
-257.5
63
VSS2
-177.5
-257.5
64
VSS2
-97.5
-257.5
65
VSS2
-17.5
-257.5
66
VSS2
62.5
-257.5
67
VSS2
142.5
-257.5
68
VSS2
222.5
-257.5
69
VSS2
302.5
-257.5
70
VSS2
382.5
-257.5


Similar Part No. - ST7687S

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7687A SITRONIX-ST7687A Datasheet
2Mb / 191P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
More results

Similar Description - ST7687S

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7687A SITRONIX-ST7687A Datasheet
2Mb / 191P
   128RGB x 128 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7689 SITRONIX-ST7689 Datasheet
2Mb / 195P
   128RGB x 160 dot 65K Color with Frame Memory Single-Chip CSTN Controller/Driver
ST7796S SITRONIX-ST7796S Datasheet
3Mb / 279P
   320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version V1.0 2014/11
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com