Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7626 Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST7626
Description  65K Color Dot Matrix LCD Controller/Driver
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7626 Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST7626 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7626 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
ST7626
Ver 1.5
5/94
2007/01/20
PIN Name
PAD
No. CSEL=0 CSEL=1
X
Y
137
SEG[157]
325.5
545.35
138
SEG[156]
294.5
545.35
139
SEG[155]
263.5
545.35
140
SEG[154]
232.5
545.35
141
SEG[153]
201.5
545.35
142
SEG[152]
170.5
545.35
143
SEG[151]
139.5
545.35
144
SEG[150]
108.5
545.35
145
SEG[149]
77.5
545.35
146
SEG[148]
46.5
545.35
147
SEG[147]
15.5
545.35
148
SEG[146]
-15.5
545.35
149
SEG[145]
-46.5
545.35
150
SEG[144]
-77.5
545.35
151
SEG[143]
-108.5
545.35
152
SEG[142]
-139.5
545.35
153
SEG[141]
-170.5
545.35
154
SEG[140]
-201.5
545.35
155
SEG[139]
-232.5
545.35
156
SEG[138]
-263.5
545.35
157
SEG[137]
-294.5
545.35
158
SEG[136]
-325.5
545.35
159
SEG[135]
-356.5
545.35
160
SEG[134]
-387.5
545.35
161
SEG[133]
-418.5
545.35
162
SEG[132]
-449.5
545.35
163
SEG[131]
-480.5
545.35
164
SEG[130]
-511.5
545.35
165
SEG[129]
-542.5
545.35
166
SEG[128]
-573.5
545.35
167
SEG[127]
-604.5
545.35
168
SEG[126]
-635.5
545.35
169
SEG[125]
-666.5
545.35
170
SEG[124]
-697.5
545.35
171
SEG[123]
-728.5
545.35
PIN Name
PAD
No. CSEL=0 CSEL=1
X
Y
172
SEG[122]
-759.5
545.35
173
SEG[121]
-790.5
545.35
174
SEG[120]
-821.5
545.35
175
SEG[119]
-852.5
545.35
176
SEG[118]
-883.5
545.35
177
SEG[117]
-914.5
545.35
178
SEG[116]
-945.5
545.35
179
SEG[115]
-976.5
545.35
180
SEG[114]
-1007.5 545.35
181
SEG[113]
-1038.5 545.35
182
SEG[112]
-1069.5 545.35
183
SEG[111]
-1100.5 545.35
184
SEG[110]
-1131.5 545.35
185
SEG[109]
-1162.5 545.35
186
SEG[108]
-1193.5 545.35
187
SEG[107]
-1224.5 545.35
188
SEG[106]
-1255.5 545.35
189
SEG[105]
-1286.5 545.35
190
SEG[104]
-1317.5 545.35
191
SEG[103]
-1348.5 545.35
192
SEG[102]
-1379.5 545.35
193
SEG[101]
-1410.5 545.35
194
SEG[100]
-1441.5 545.35
195
SEG[99]
-1472.5 545.35
196
SEG[98]
-1503.5 545.35
197
SEG[97]
-1534.5 545.35
198
SEG[96]
-1565.5 545.35
199
SEG[95]
-1596.5 545.35
200
SEG[94]
-1627.5 545.35
201
SEG[93]
-1658.5 545.35
202
SEG[92]
-1689.5 545.35
203
SEG[91]
-1720.5 545.35
204
SEG[90]
-1751.5 545.35
205
SEG[89]
-1782.5 545.35
206
SEG[88]
-1813.5 545.35


Similar Part No. - ST7626

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7626

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
   65K 132x132 Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com