Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7625 Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST7625
Description  65K Color Dot Matrix LCD Controller/Driver
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7625 Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST7625 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 160 page
background image
ST7625
Ver 1.6
5/160
2008/07
PAD
No.
PIN Name
X
Y
137
VgIN
4055.29
-329.50
138
VgIN
4135.29
-329.50
139
VgIN
4215.29
-329.50
140
VgIN
4295.29
-329.50
141
VgIN
4375.29
-329.50
142
VgIN
4455.29
-329.50
143
COM[1]
4576.02
-306.75
144
COM[3]
4603.02
-306.75
145
COM[5]
4630.02
-306.75
146
COM[7]
4657.02
-306.75
147
COM[9]
4684.02
-306.75
148
COM[11]
4861.75
-327.50
149
COM[13]
4861.75
-300.50
150
COM[15]
4861.75
-273.50
151
COM[17]
4861.75
-246.50
152
COM[19]
4861.75
-219.50
153
COM[21]
4861.75
-192.50
154
COM[23]
4861.75
-165.50
155
COM[25]
4861.75
-138.50
156
COM[27]
4861.75
-111.50
157
COM[29]
4861.75
-84.50
158
COM[31]
4861.75
-57.50
159
COM[33]
4861.75
-30.50
160
COM[35]
4861.75
-3.50
161
COM[37]
4861.75
23.50
162
COM[39]
4861.75
50.50
163
COM[41]
4861.75
77.50
164
COM[43]
4861.75
104.50
165
COM[45]
4861.75
131.50
166
COM[47]
4861.75
158.50
167
COM[49]
4861.75
185.50
168
COM[51]
4861.75
212.50
169
COM[53]
4861.75
239.50
170
COM[55]
4861.75
266.50
171
COM[57]
4861.75
293.50
PAD
No.
PIN Name
X
Y
172
COM[59]
4861.75
320.50
173
COM[61]
4684.02
306.75
174
COM[63]
4657.02
306.75
175
COM[65]
4630.02
306.75
176
COM[67]
4603.02
306.75
177
COM[69]
4576.02
306.75
178
COM[71]
4549.02
306.75
179
COM[73]
4522.02
306.75
180
COM[75]
4495.02
306.75
181
COM[77]
4468.02
306.75
182
COM[79]
4441.02
306.75
183
COM[81]
4414.02
306.75
184
COM[83]
4387.02
306.75
185
COM[85]
4360.02
306.75
186
COM[87]
4333.02
306.75
187
COM[89]
4306.02
306.75
188
COM[91]
4279.02
306.75
189
COM[93]
4252.02
306.75
190
COM[95]
4225.02
306.75
191
SEG[305]
4117.50
306.75
192
SEG[304]
4090.50
306.75
193
SEG[303]
4063.50
306.75
194
SEG[302]
4036.50
306.75
195
SEG[301]
4009.50
306.75
196
SEG[300]
3982.50
306.75
197
SEG[299]
3955.50
306.75
198
SEG[298]
3928.50
306.75
199
SEG[297]
3901.50
306.75
200
SEG[296]
3874.50
306.75
201
SEG[295]
3847.50
306.75
202
SEG[294]
3820.50
306.75
203
SEG[293]
3793.50
306.75
204
SEG[292]
3766.50
306.75
205
SEG[291]
3739.50
306.75
206
SEG[290]
3712.50
306.75


Similar Part No. - ST7625

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7625

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
   65K 132x132 Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com