Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7624 Datasheet(PDF) 9 Page - Sitronix Technology Co., Ltd.

Part # ST7624
Description  65K Color Dot Matrix LCD Controller/Driver
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7624 Datasheet(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST7624 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
ST7624
Ver 1.8
9/98
2006/08/15
PIN Name
PAD
No.
CSEL=0
CSEL=1
X
Y
419
NC
-8184.45
-679.5
420
NC
-8009.45
-679.5
421
NC
-7834.45
-679.5
422
NC
-7659.45
-679.5
423
NC
-7484.45
-679.5
424
NC
-7309.45
-679.5
425
NC
-7134.45
-679.5
426
NC
-6959.45
-679.5
427
NC
-6784.45
-679.5
428
NC
-6609.45
-679.5
429
NC
-6434.45
-679.5
430
NC
-6259.45
-679.5
431
NC
-6084.45
-679.5
432
NC
-5909.45
-679.5
433
NC
-5734.45
-679.5
434
NC
-5559.45
-679.5
435
NC
-5384.45
-679.5
436
NC
-5209.45
-679.5
437
NC
-5034.45
-679.5
438
NC
-4859.45
-679.5
439
NC
-4684.45
-679.5
440
NC
-4509.45
-679.5
441
NC
-4334.45
-679.5
442
NC
-4159.45
-679.5
443
NC
-3984.45
-679.5
444
V0IN
-3795.58
-671.0
445
V0IN
-3685.58
-671.0
446
V0IN
-3575.58
-671.0
447
V0IN
-3465.58
-671.0
448
V0OUT
-3355.58
-671.0
449
V0OUT
-3245.58
-671.0
450
V0OUT
-3135.58
-671.0
451
V0OUT
-3025.58
-671.0
452
V1
-2915.58
-671.0
453
V2
-2805.58
-671.0
PIN Name
PAD
No.
CSEL=0
CSEL=1
X
Y
454
V3
-2695.58
-671.0
455
V4
-2585.58
-671.0
456
VR
-2475.58
-671.0
457
VREF
-2365.58
-671.0
458
VDD
-2255.58
-671.0
459
CL
-2145.58
-671.0
460
CLS
-2035.58
-671.0
461
VSS
-1925.58
-671.0
462
VDD
-1815.58
-671.0
463
A0
-1705.58
-671.0
464
RW_WR
-1595.58
-671.0
465
VSS
-1485.58
-671.0
466
VDD
-1375.58
-671.0
467
D0
-1265.58
-671.0
468
D1
-1155.58
-671.0
469
D2
-1045.58
-671.0
470
D3
-935.58
-671.0
471
D4
-825.58
-671.0
472
D5
-715.58
-671.0
473
D6
-605.58
-671.0
474
D7
-495.58
-671.0
475
VSS
-385.58
-671.0
476
VDD
-275.58
-671.0
477
D8
-165.58
-671.0
478
D9
-55.58
-671.0
479
D10
54.42
-671.0
480
D11
164.42
-671.0
481
D12
274.42
-671.0
482
D13
384.42
-671.0
483
D14
494.42
-671.0
484
D15
604.42
-671.0
485
VSS
714.42
-671.0
486
VDD
824.42
-671.0
487
E_RD
934.42
-671.0
488
RST
1044.42
-671.0


Similar Part No. - ST7624

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7624

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
   65K 132x132 Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com