Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7548T Datasheet(PDF) 3 Page - Sitronix Technology Co., Ltd.

Part # ST7548T
Description  66 x 102 Dot Matrix LCD Controller/Driver
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7548T Datasheet(HTML) 3 Page - Sitronix Technology Co., Ltd.

  ST7548T Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7548T Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
ST7548T
Ver 1.2
3/50
2006/03/16
Pad Center Coordinates(MY=0)
PAD NO. PIN Name
X
Y
1
COM[41]
3677
371
2
COM[40]
3622
371
3
COM[39]
3567
371
4
COM[38]
3512
371
5
COM[37]
3457
371
6
COM[36]
3402
371
7
COM[35]
3347
371
8
COM[34]
3292
371
9
COM[33]
3237
371
10
COM[32]
3182
371
11
Reserved
3127
371
12
SEG[0]
3071
371
13
SEG[1]
3016
371
14
SEG[2]
2961
371
15
SEG[3]
2906
371
16
SEG[4]
2851
371
17
SEG[5]
2796
371
18
SEG[6]
2741
371
19
SEG[7]
2686
371
20
SEG[8]
2631
371
21
SEG[9]
2576
371
22
SEG[10]
2521
371
23
SEG[11]
2466
371
24
SEG[12]
2411
371
25
SEG[13]
2356
371
26
SEG[14]
2301
371
27
SEG[15]
2246
371
28
SEG[16]
2191
371
29
SEG[17]
2136
371
30
SEG[18]
2081
371
PAD NO. PIN Name
X
Y
31
SEG[19]
2026
371
32
SEG[20]
1971
371
33
SEG[21]
1916
371
34
SEG[22]
1861
371
35
SEG[23]
1806
371
36
SEG[24]
1751
371
37
SEG[25]
1696
371
38
SEG[26]
1641
371
39
SEG[27]
1586
371
40
SEG[28]
1531
371
41
SEG[29]
1476
371
42
SEG[30]
1421
371
43
SEG[31]
1366
371
44
SEG[32]
1311
371
45
SEG[33]
1256
371
46
SEG[34]
1201
371
47
SEG[35]
1146
371
48
SEG[36]
1091
371
49
SEG[37]
1036
371
50
SEG[38]
981
371
51
SEG[39]
926
371
52
SEG[40]
871
371
53
SEG[41]
816
371
54
SEG[42]
761
371
55
SEG[43]
706
371
56
SEG[44]
651
371
57
SEG[45]
596
371
58
SEG[46]
541
371
59
SEG[47]
486
371
60
SEG[48]
431
371


Similar Part No. - ST7548T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7540 STMICROELECTRONICS-ST7540 Datasheet
372Kb / 44P
   FSK power line transceiver
ST7540TR STMICROELECTRONICS-ST7540TR Datasheet
372Kb / 44P
   FSK power line transceiver
logo
Sitronix Technology Co....
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
   4 Gray Scale Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7548T

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7578 SITRONIX-ST7578 Datasheet
1Mb / 52P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
   66 x 102 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
   68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
   68 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
   65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com