Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81490A Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 81490A
Description  Reference Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

81490A Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  81490A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 81490A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 81490A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 81490A Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
81490 Reference Transmitter
Agilent’s 81490A Reference Transmitter is de-
signed to offer excellent eye quality as a reference
for testing 10 GbE-L and 10 Gb-E according to IEEE
802.3ae and according to 10 GFC Fibre Channel
specifications. The module is fully integrated into
the industry standard LMS 816xB platform.
Offering both 1310 and 1550 nm in one module
gives the fastest reconfiguration between these
two transmission bands without reconnecting.
The integration in the LMS mainframe offers an
integration of the reference transmitter into the
4917A stressed eye software package. Of course a
separate usage of the transmitter is also supported
with SCPI language.
The separation of the signal source and the modu-
lator is the only way to offer a zero-chirp modula-
tion. This is essential for a clean and repeatable
eye diagram when modulating with an appropriate
clean external source to fulfill the requirements of
the IEEE standard. Another advantage of this de-
sign compared to directly modulated transmitters
is the wide extinction ratio range that can only be
achieved with this design.
Benefits
Repeatable and reproducible measurements
permit lower production test margins and
improved specifications of the characterized
devices.
Reliable measurements ensure comparability
of the test results.
Support for full compliance to IEEE 802.3
stressed eye test in combination with the
N4917A Optical Receiver Stress Test solu-
tion.
Wide extinction range offers highest test
range coverage to ensure best quality of the
tested devices under all target operating con-
ditions.
Rapid test reconfiguration with dual-wave-
length to switch between 1310 nm and
1550 nm by remote control or manually with-
out exchanging a module.
Scalability with integration into industry-
standard Agilent LMS platform extends your
optical workbench capabilities.
Applications
Reference transmitter for stressed eye compli-
ance test according to IEEE 802.3.
Creation of arbitrary optical modulation signals
in combination with waveform generators.
General transmission system test with special
pulse patterns in combination with a pattern
generator.
81490A
Modulator Bias
Ctrl
Coupler
Optical Modulator
DFB - Laser
1310 nm
DFB - Laser
1550 nm
RF -
Amplifier
Data in
Data out
2


Similar Part No. - 81490A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
8149 NTE-8149 Datasheet
61Kb / 1P
   Thermal Cutoff
logo
Festo Corporation.
8149581 FESTO-8149581 Datasheet
78Kb / 1P
   Power supply unit
8149582 FESTO-8149582 Datasheet
80Kb / 1P
   Power supply unit
8149585 FESTO-8149585 Datasheet
88Kb / 1P
   Power supply unit
More results

Similar Description - 81490A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5216LPT MAXIM-MAX5216LPT Datasheet
1Mb / 18P
   Reference Design of 4??0mA Loop-Powered Transmitter
Rev 0; 5/13
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
   Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
   Transmitter
logo
Festo Corporation.
537695 FESTO-537695 Datasheet
100Kb / 1P
   Transmitter
7/13/22
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD Datasheet
841Kb / 9P
   Transmitter
logo
OPLINK Communications I...
STX48 OPLINK-STX48 Datasheet
407Kb / 4P
   Transmitter
logo
Festo Corporation.
537693 FESTO-537693 Datasheet
99Kb / 1P
   Transmitter
7/13/22
logo
ON Semiconductor
CS212 ONSEMI-CS212 Datasheet
64Kb / 8P
   Transmitter
April, 2001 - Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com