Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4375B Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # N4375B
Description  20 GHz and 26.5 GHz Single-Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4375B Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  N4375B Datasheet HTML 1Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 2Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 3Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 4Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Integrated optical power meter
In applications where optical power dependence character-
ization is needed, the average power meter can be used to
set the exact average output power of the LCA transmitter
by connecting the LCA optical transmitter output, optionally
through an optical attenuator, to the LCA optical receiver in-
put. By adjusting the transmitter output power in the LCA
user interface or the optical attenuation, the desired trans-
mitter optical power can be set.
In cases where an unexpectedly low responsivity is mea-
sured from the device under test, it is very helpful to get a
fast indication of the CW optical power that is launched into
the LCA receiver. The cause might be a bad connection or a
bent fiber in the setup. For this reason too, a measurement
of the average optical power at the LCA receiver is very help-
ful for fast debugging of the test setup.
Selectable output power of the transmitter
Most PIN diodes and receiver optical subassemblies (RO-
SA’s) need to be characterized at various average optical
power levels. In this case it is necessary to set the average
input power of the device under test to the desired value.
The variable average optical output power of the LCA trans-
mitter offers this feature. Together with an external optical
attenuator, this range can be extended to all desired optical
power levels.
Group delay and length measurements
In some applications it is necessary to determine the elec-
trical or optical length of a device. With the internal length
calibration of the electro-optical paths with reference to the
electrical and optical inputs or outputs, it is possible to de-
termine the length of the device under test
Large signal measurements
LCA S21 measurements are typically small-signal linear
transfer function measurements. If an electro-optical com-
ponent must be tested under large signal conditions, normal
balanced measurements might lead to wrong measurement
results.
The PNA-X based version of the LCA offers true balanced
measurements for differential ports by offering two indepen-
dent high power RF sources. With this setup the LCA mea-
sures the correct S21 transfer function of E/O components,
even in the nonlinear regime.
To stimulate O/E components like PIN-TIA receivers under
optical large signal conditions, the PNA-X based LCA offers
a variable optical modulation index up 50%.
External optical source input
For applications where test of opto-electric devices need to
be done at a specific optical wavelength, the N4375B-050
offers an external optical input to the internal modulator
where an external tunable laser can be applied. As modula-
tors are polarization sensitive devices, this input is a PMF
input to a PMF optical switch to maintain the polarization
at the modulator input.


Similar Part No. - N4375B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4371A HP-N4371A Datasheet
256Kb / 4P
   RIN Measurement System
N4373C HP-N4373C Datasheet
414Kb / 18P
   67 GHz Single-Mode Lightwave Component Analyzer
N4374B HP-N4374B Datasheet
367Kb / 18P
   4.5 GHz Single-Mode
N4374B HP-N4374B Datasheet
367Kb / 18P
   Lightwave Component Analyzer
N4376B HP-N4376B Datasheet
561Kb / 16P
   20 GHz and 26.5 GHz Multimode Lightwave Component Analyzer
More results

Similar Description - N4375B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4376B HP-N4376B Datasheet
561Kb / 16P
   20 GHz and 26.5 GHz Multimode Lightwave Component Analyzer
HMMC-5023 HP-HMMC-5023 Datasheet
92Kb / 6P
   23 GHz LNA (21.2-26.5 GHz)
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
   23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Analog Devices
ADL9005 AD-ADL9005 Datasheet
616Kb / 24P
   Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
   23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
National Instruments Co...
PXI-2596 NI-PXI-2596 Datasheet
274Kb / 4P
   26.5 GHz Multiplexers, SPDT Relays, and Transfer Switches
logo
Qorvo, Inc
RFUV1703 QORVO-RFUV1703 Datasheet
1Mb / 13P
   21 GHz to 26.5 GHz GaAs MMIC IQ Upco
logo
Micronetics, Inc.
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
   Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
logo
Analog Devices
HMC8191 AD-HMC8191 Datasheet
871Kb / 44P
   6 GHz to 26.5 GHz, Wideband I/Q Mixer
logo
Agilent(Hewlett-Packard...
N4374B HP-N4374B Datasheet
367Kb / 18P
   4.5 GHz Single-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com