Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5434A Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # N5434A
Description  FPGA Dynamic Probe for Altera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N5434A Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  N5434A Datasheet HTML 1Page - Agilent(Hewlett-Packard) N5434A Datasheet HTML 2Page - Agilent(Hewlett-Packard) N5434A Datasheet HTML 3Page - Agilent(Hewlett-Packard) N5434A Datasheet HTML 4Page - Agilent(Hewlett-Packard) N5434A Datasheet HTML 5Page - Agilent(Hewlett-Packard) N5434A Datasheet HTML 6Page - Agilent(Hewlett-Packard) N5434A Datasheet HTML 7Page - Agilent(Hewlett-Packard) N5434A Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Agilent Technologies InfiniiVision MSO
N5434A FPGA Dynamic Probe for Altera
Data Sheet
The challenge
You rely on the insight a MSO
(mixed-signal oscilloscope)
provides to understand the
behavior of your FPGA in
the context of the surrounding
system. Design engineers
typically take advantage of the
programmability of the FPGA to
route internal nodes to a small
number of physical pins for
debugging. While this approach
is very useful, it has significant
limitations.
Figure 1. FPGA dynamic probe for Altera used in conjunction with an InfiniiVision
6000 or 7000 Series MSO provides an effective solution for simple through complex
debugging of systems incorporating Altera FPGAs.
• Since pins on the FPGA
are typically an expensive
resource, there are a relatively
small number available for
debug. This limits internal
visibility (i.e. one pin is
required for each internal
signal to be probed).
• When you need to access
different internal signals,
you must change your design
to route these signals to the
available pins. This can be time
consuming and can affect the
timing of your FPGA design.
• Finally, the process required
to map the signal names from
your FPGA design to the
MSO digital channel labels is
manual and tedious.
When new signals are routed
out, you need to manually
update these signal names
on the MSO, which takes
additional time and is a
potential source of confusing
errors.


Similar Part No. - N5434A

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N5430 MPSIND-N5430 Datasheet
213Kb / 1P
   RJ45 10/100/1000 Gigabit with Surge Protection
logo
Keysight Technologies
N5430A KEYSIGHT-N5430A Datasheet
6Mb / 8P
   Infiniium User-Defined Function
N5430A KEYSIGHT-N5430A Datasheet
4Mb / 32P
   Infiniium 9000 Series Oscilloscopes
N5430A-1NL KEYSIGHT-N5430A-1NL Datasheet
4Mb / 41P
   Infiniium 90000 Series Oscilloscopes
N5430B-1FP KEYSIGHT-N5430B-1FP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - N5434A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N5406A HP-N5406A Datasheet
1,009Kb / 9P
   FPGA Dynamic Probe for Xilinx
MSO8000 HP-MSO8000 Datasheet
928Kb / 8P
   FPGA Dynamic Probe for Xilinx
logo
Keysight Technologies
DSOX6FPGAX KEYSIGHT-DSOX6FPGAX Datasheet
3Mb / 11P
   InfiniiVision MSO Dynamic Probe
DSOX4FPGAX KEYSIGHT-DSOX4FPGAX Datasheet
3Mb / 11P
   InfiniiVision MSO Dynamic Probe
logo
Altera Corporation
EP1K30TC144-1N ALTERA-EP1K30TC144-1N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
logo
List of Unclassifed Man...
SPI-4 ETC2-SPI-4 Datasheet
106Kb / 3P
   Core w/ FIFOs V1.0 For Altera PLDs
logo
Altera Corporation
EP1S10F780C6 ALTERA-EP1S10F780C6 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1K30TC144-2N ALTERA-EP1K30TC144-2N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
logo
Texas Instruments
TMDSEVM6678LE TI1-TMDSEVM6678LE Datasheet
1Mb / 12P
[Old version datasheet]   Power Management Solutions for Xilinx and Altera FPGAs
logo
Glenair, Inc.
180-043C GLENAIR-180-043C Datasheet
184Kb / 1P
   Feedthrough Probe Connector for
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com