Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E6832A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # E6832A
Description  W-CDMA Calibration Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E6832A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  E6832A Datasheet HTML 1Page - Agilent(Hewlett-Packard) E6832A Datasheet HTML 2Page - Agilent(Hewlett-Packard) E6832A Datasheet HTML 3Page - Agilent(Hewlett-Packard) E6832A Datasheet HTML 4Page - Agilent(Hewlett-Packard) E6832A Datasheet HTML 5Page - Agilent(Hewlett-Packard) E6832A Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
DPCH Measurement Suite
Includes mean and RRC-filtered mean power, spectrum emission
mask, ACLR, composite EVM frequency error, PCDE, and occupied
bandwidth measurements.
Trigger setup
Delay
–20 to +20 ms
Sources
External, fall, immediate, rise
Mean and RRC-filtered mean power
measurements
Input level range
Average power
–61 to +28 dBm/3.84 MHz
Measurement accuracy¹
–54 to +28 dBm/3.84 MHz
< ±0.6 dB, typically < ±0.3 dB
–61 to < –54 dBm/3.84 MHz < ±0.7 dB, typically < ±0.4 dB
With < 48 hours warm-up before self alignment initiated
–54 to +28 dBm/3.84 MHz
< ±0.7 dB, typically < ±0.3 dB
–61 to < –54 dBm/3.84 MHz < ±0.8 dB, typically < ±0.4 dB
Measurement repeatability
Typically < ±0.05 dB
Filter
Mean power
Mean power-compliant filter
RRC-filtered mean power
3.84 MHz
Spectrum emission mask (SEM) measurement
This measurement provides a ratio of the transmitted power
in a 3.84 MHz RRC bandwidth to offset frequencies, which
are between 2.5 MHz and 12.5 MHz away from the UE carrier
frequency.
Input level range
Average power
+5 to +28 dBm/3.84 MHz
Measurement accuracy
2.5 to 12.5 MHz
< ±1.5 dB, typically < ±0.5 dB
Offset frequency measurement bandwidths
2.5 to 3.5 MHz offsets
30 kHz
3.5 to 12.5 MHz offsets
1 MHz
In-band measurement filter
3.84 MHz (RRC)
Adjacent channel leakage ratio (ACLR)
measurement
This measurement provides a ratio of the filtered mean trans-
mitted power to the filtered mean power in an adjacent channel.
Both the transmitted and the adjacent channel powers are
measured with a filter that has an RRC response with roll-off a =
0.22 and a bandwidth equal to the chip rate.
Input level range
Average power
+5 to +28 dBm/3.84 MHz
Measurement accuracy
±5 MHz offsets at –33 dB
< ±0.8 dB, typically < ±0.4 dB
±10 MHz offsets at –43 dB
< ±0.8 dB, typically < ±0.4 dB
Residual noise floor
±5 MHz offsets
Typically < –53 dBc
±10 MHz offsets
Typically < –63 dBc
Filter
3.84 MHz (RRC)
Error vector magnitude (EVM) measurement
This measurement calculates composite EVM and several other
results relating to UE modulation quality.
Input level range
Average power
–25 to +28 dBm/3.84 MHz
UE ranges
EVM
≤ 35% rms
Frequency error
< ±1 kHz
Timing error
< ±50 chips
EVM measurement accuracy (Includes residual EVM)
UE EVM 0% rms
< 2.5% rms
UE EVM 17.5% rms
< 0.7% rms
UE EVM 35% rms
< 0.5% rms
Filter
3.84 MHz (RRC)
Measurement results
EVM, magnitude error, phase
error, origin offset
1. Additional accuracy error when using RF OUT ONLY port is < ±0.1 dB.


Similar Part No. - E6832A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E68330-000 MACOM-E68330-000 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
logo
Agilent(Hewlett-Packard...
E6833A HP-E6833A Datasheet
203Kb / 6P
   Wireless Communications Test Set
E6835A HP-E6835A Datasheet
224Kb / 4P
   TD-SCDMA Calibration Application
More results

Similar Description - E6832A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1993A KEYSIGHT-E1993A Datasheet
719Kb / 40P
   W-CDMA Mobile Test Application
E1963A KEYSIGHT-E1963A Datasheet
719Kb / 40P
   W-CDMA Mobile Test Application
logo
STMicroelectronics
AN4470 STMICROELECTRONICS-AN4470 Datasheet
1Mb / 20P
   The STPM3x application calibration
logo
Agilent(Hewlett-Packard...
E6835A HP-E6835A Datasheet
224Kb / 4P
   TD-SCDMA Calibration Application
logo
Kyocera Kinseki Corpota...
LSFB54-380-004M0 KSS-LSFB54-380-004M0 Datasheet
128Kb / 1P
   W-CDMA-IF
LSFB54-190-004M0 KSS-LSFB54-190-004M0 Datasheet
151Kb / 1P
   W-CDMA-IF
logo
RFHIC
AP410 RFHIC-AP410_14 Datasheet
240Kb / 8P
   CDMA, W-CDMA Medium Power Amplifier
logo
RF Micro Devices
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
   W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
RF2638 RFMD-RF2638_06 Datasheet
170Kb / 10P
   W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
EPCOS
B7750 EPCOS-B7750_1 Datasheet
85Kb / 8P
   SAW filter W-CDMA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com