Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40ST8050C_M Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST8050C_M
Description  40 PIN SMD 10-BASE T QUAD SMT TRANSFORMER MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST8050C_M Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST8050C_M Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
40 PIN SMD 10-BASE T QUAD SMT TRANSFORMER MODULES
P/N: 40ST8050C DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A2(02/06)
Feature
Family of parts-common footprint and pinout with a choice of
filtering for customized EMI performance.
IC grade transfer-molded package withstands 235• peak
temperature performance.
Space-efficient-12 ports across 3.6 inches for optimal PCB
layout.
Operating temperature range : 0°C to +70°C.
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross Talk
(dB Min)
Part
Number
TX
RX
Wine Wave
Inductance(•H Min)
@100KHz/20mVrms
L.L
(•H Max)
@100KHz/20mVrms
Cw/w (pF Max)
@100KHz/20mVrms
0.3-10MHz
HI-POT
(Vrms )
40ST8050C 1CT:1 CT
1:1
150
0.3
10
-35
1500
Continue
Insertion Loss
(dB Max)
Return Loss(dB Min)@ 5-10MHz
CMR (dB Min) TX
Part
Number
0. 3-10MHz
100Ω
98±13Ω
5 MHz 10 MHz 50 MHz 100 MHz 200 MHz
40ST8050C
-0.5
-20
-15
-60
-50
-35
-25
-20
Schematic
Mechanical


Similar Part No. - 40ST8050C_M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST8050C_S BOTHHAND-40ST8050C_S Datasheet
194Kb / 1P
   40 PIN SMD 10-BASE T QUAD SMT TRANSFORMER MODULES
More results

Similar Description - 40ST8050C_M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST8050C_S BOTHHAND-40ST8050C_S Datasheet
194Kb / 1P
   40 PIN SMD 10-BASE T QUAD SMT TRANSFORMER MODULES
40ST8050D_S BOTHHAND-40ST8050D_S Datasheet
195Kb / 1P
   40 PIN 10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8050E BOTHHAND-40ST8050E Datasheet
389Kb / 1P
   40 PIN 10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8050D_M BOTHHAND-40ST8050D_M Datasheet
195Kb / 1P
   40 PIN 10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8062C BOTHHAND-40ST8062C Datasheet
303Kb / 1P
   10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8062A_M BOTHHAND-40ST8062A_M Datasheet
187Kb / 1P
   10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST8062A_S BOTHHAND-40ST8062A_S Datasheet
189Kb / 1P
   10 BASE-T QUAD SMT TRANSFORMER MODULES
40ST1025-1_S BOTHHAND-40ST1025-1_S Datasheet
216Kb / 1P
   40 PIN SMD QUAD 10 BASE-T/100 BASE-TX TRANSFORMER
40ST1025-1_M BOTHHAND-40ST1025-1_M Datasheet
217Kb / 1P
   40 PIN SMD QUAD 10 BASE-T/100 BASE-TX TRANSFORMER
40ST8056_M BOTHHAND-40ST8056_M Datasheet
238Kb / 1P
   40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com