Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST7532 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7532
Description  65K Color Dot Matrix LCD Controller/Driver
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7532 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7532 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7532 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
ST
Sitronix
ST7532
65K Color Dot Matrix LCD Controller/Driver
Ver 1.8
1/85
2006/9/18
1. INTRODUCTION
The ST7532 is a driver & controller LSI for 65K color graphic dot-matrix liquid crystal display systems. It generates 256
Segment and 160 Common driver circuits. This chip is connected directly to a microprocessor, accepts Serial Peripheral
Interface (SPI), 8-bit/16-bit parallel or IIC display data and stores in an on-chip display data RAM. It performs display data
RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains
power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.
2. FEATURES
Driver Output Circuits
−256 segment outputs / 160 common outputs
−Maximum resolution is 128(SPRD) x 160.
Applicable Duty Ratios
− Various partial display
− Partial window moving & data scrolling
Microprocessor Interface
− 8/16-bit parallel bi-directional interface with 6800-series
or 8080-series
−4-line serial interface (write only)
−9 bit 3-line serial interface (write only)
On-chip Display Data RAM
− Capacity : 160 x 256 x 5bit = 204800bits (Max)
On-chip Low Power Analog Circuit
− On-chip oscillator circuit
− Voltage converter (x2, x3, x4, x5, x6, x7, x8)
− Voltage regulator
− Voltage follower
(LCD bias: 1/5, 1/7, 1/9, 1/10, 1/11, 1/12, 1/13, 1/14)
Operating Voltage Range
− Supply voltage
(VDD, VDD1, VDD2, VDD3, VDD4, VDD5): 2.4 to 3.3V
− LCD driving voltage (VLCD = V0 - VSS): 3.76 to 18.0 V
Temperature Gradient Coefficient
− -0.130%/℃ +/-10%
LCD driving voltage (EEPROM)
− To store contrast adjustment value for better display
Package Type
− Application for COG
ST7532
6800, 8080, 4-Line, 3-Line interface


Similar Part No. - ST7532

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
ST7536CFN STMICROELECTRONICS-ST7536CFN Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
More results

Similar Description - ST7532

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
   65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
   65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
   65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
   65K Color Dot Matrix LCD Controller/Driver
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
   65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
   65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
   65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
   65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
   65K 132x132 Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
   4K Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com