Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5498 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # S5498
Description  ISDN S-INTERFACE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S5498 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S5498 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: S5498 DATA SHEET
Feature
Through hole, dual transformer.
Excellent longitudinal balance.
Operating temperature range: 0
°C to +70°C.
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Part
Number
Turns Ratio
(PRI: SEC±5%)
OCL
(mH Min)
@ 10KHz/0.2V
CW/W
(pF Max)
@ 100KHz/0.2V
L.L
(uH Max)
@ 10KHz/0.2V
HI-POT
(Vrms)
S5498
1:2.5
22
100
40
2000
Continue
Part
Number
DCR SEC (Ω Max)
PRI PINS
S5498
7.25
(1-2)&(3-4)&(5-6)&(7-8)
Schematic
Mechanical
Bothhandusa.com
ISDN S-INTERFACE TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - S5498

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5498-LF BOTHHAND-S5498-LF Datasheet
727Kb / 1P
   Excellent longitudinal balance
S5498LF BOTHHAND-S5498LF Datasheet
270Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
More results

Similar Description - S5498

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1205G PCA-EPR1205G Datasheet
25Kb / 1P
   ISDN S-Interface Transformer
logo
Rhombus Industries Inc.
T-13400 RHOMBUS-IND-T-13400 Datasheet
20Kb / 1P
   ISDN S Interface Transformer
T-13404 RHOMBUS-IND-T-13404 Datasheet
21Kb / 1P
   ISDN S Interface Transformer
T-10455 RHOMBUS-IND-T-10455 Datasheet
25Kb / 1P
   ISDN S Interface Transformer
logo
Bothhand USA, LP.
S5799M BOTHHAND-S5799M_1 Datasheet
28Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
S5970 BOTHHAND-S5970 Datasheet
24Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
S5017 BOTHHAND-S5017 Datasheet
243Kb / 1P
   ISDN S-INTERFACE TRANSFORMER
logo
Rhombus Industries Inc.
T-10451 RHOMBUS-IND-T-10451 Datasheet
23Kb / 1P
   ISDN S Interface Transformer
T-10405 RHOMBUS-IND-T-10405 Datasheet
26Kb / 1P
   ISDN S Interface Transformer
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
   ISDN S-Interface Transformer
logo
Rhombus Industries Inc.
T-10402 RHOMBUS-IND-T-10402 Datasheet
26Kb / 1P
   ISDN S Interface Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com