Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5493 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part No. S5493
Description  ISDN S-INTERFACE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S5493 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  S5493 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: S5493 DATA SHEET
Feature
!
Through hole, dual transformer.
!
Excellent longitudinal balance
!
Operating temperature range: 0
°C to +70°C.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
CW/W(pF Max) @100KHz/0.2V
1 to 16 @(2,3) Short & (15,14 ) Short)
Part
Number
Turns Ratio
(PRI:SEC±5%)
OCL
(mH Min)
@ 10KHz/0.2V
5 to 12@ (6,7) Short & (10,11) Short)
L.L(uH Max)
@ 10KHz/0.2V
HI-POT
(Vrms)
S5493
1:1
22
100
5.0
2000
Continue
DCR(Ω±25%)
Part
Number
PRI@1-4 (2,3short); 5-8(6,7 short)
SEC @ 9-12(11,10 short) ;16-13(14,15 short)
PRI PINS
S5493
2.4
2.4
(1-4)&(5-8)
Schematic
Mechanical
Bothhandusa.com
ISDN S-INTERFACE TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn