Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2601B Datasheet(PDF) 4 Page - Sitronix Technology Co., Ltd.

Part # ST2601B
Description  8-bit Integrated Microcontroller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2601B Datasheet(HTML) 4 Page - Sitronix Technology Co., Ltd.

  ST2601B Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2601B Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ST2601B
4/35
3
FEATURES
n
Totally static 8-bit CPU
n
ROM: 128k x 8-bit
n
RAM: 1.5K x 8-bit
n
Stack: Up to 128-level deep
n
Operation voltage: 2.4V ~ 3.6V
n
Operation frequency:
– 3.0Mhz@2.4V(Min.)
– 4.0Mhz@2.7V(Min.)
n
LCD Drives
– COM: 36 outputs. Eight shared with one output port
– SEG: 56 outputs. Shared with 3 I/O ports and memory
bus signals.
n
One 8x8 Signed Multiplier
n
Low Voltage Reset (LVR)
– Two levels by code option
n
Low Voltage Detector (LVD)
– Programmable 4 levels
– System power or external battery level can be detected.
n
Programmable Watchdog Timer (WDT)
n
Memory interface to ROM, RAM, Flash
n
Memory configuration
– Three kinds of banks for program, data and interrupt
– 12-bit bank registers support up to 44M bytes
– Six programmable chip-selects with 4 modes
– Maximum single device of 16M bytes
n
General-Purpose I/O (GPIO) ports
– Up to 39 bit programmable I/Os
8 dedicated CMOS I/Os
23 shared with LCD SEGs
8 open drain output pins shared with LCD COMs
– Bit programmable pull-up for input pins
– Pull-up/down and open-drain/CMOS control for Port-C
n
Timer/Counter
– Four 12-bit timers.
– One 8-bit base timer
– Seven fixed base timers
n
Three clocking outputs
– Clock sources including Timer0/1, baud rate generator
n
Eleven prioritized interrupts with dedicated exception
vectors
– External interrupt (edge triggered)
– LCD buffer interrupt
– Base timer interrupt
– Timer0~3 interrupts (x4)
– SPI interrupts (x2)
– UART interrupts (x2)
n
Dual clock sources with warm-up timer
– Low frequency crystal oscillator (OSCX)
····················································32768 Hz
– High frequency resistor or crystal/resonator oscillator
(OSC) selected by pin option .................. 455K~4M Hz
n
Direct Memory Access (DMA)
– Block-to-Block transfer
– Block to Single port
n
LCD Power Management
– DC-DC converter with 8-level output control
– LC driving voltage regulator with 16-level control
– 1/4, 1/5, 1/6 bias options with 4 voltage followers
n
LCD Driver
– 32x28~56x36 resolution, maximum 2016 dots
– One clock source from osc / oscx
– Internal bias resistors(1/4, 1/5, 1/6 bias).
n
LCD Controller (LCDC)
– Software programmable display size up to 100X100
– B/W, Hardware 4/16 gray levels with 5-bit palette
– Support 1-/4-/8-bit LCD data bus
– Share system memory with display buffer and with no
loss of the CPU time
– LCD buffer extension function to combine both internal
and external RAM for larger display
– Diverse functions including virtual screen, panning,
scrolling, contrast control and alternating signal
generator
n
Programmable Sound Generator (PSG)
– Four channels with three playing modes:
9-bit ADPCM, 8-bit PCM and 8-bit melody
– One 16-byte buffer and 6-bit volume control per channel
– Wavetable melody support
– Two dedicated PWM outputs for direct driving
– One 12-bit current DAC
n
Universal Asynchronous Receiver/Transmitter (UART)
– Full-duplex operation
– Baud rate generator with one digital PLL
– Standard baud rates of 600 bps to 115.2 kbps
– Both transmitter and receiver buffers supported
– Direct glueless support of IrDA physical layer protocol
– Two sets of I/Os (TX,RX) for two independent devices
n
Serial Peripheral Interface (SPI)
– Master and slave modes
– Five serial signals including enable and data-ready
– Both transmitter and receiver buffers supported
– Programmable data length from 7-bit to 16-bit
n
Vlcd/LVD trimming fuse function:
Vlcd default voltage variation trimming.
4-level LVD voltage variation trimming.
n
Three power down modes
– WAI0 mode
– WAI1 mode
– STP mode


Similar Part No. - ST2601B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST2600C IRF-ST2600C Datasheet
156Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2600CR IRF-ST2600CR Datasheet
76Kb / 6P
   Double side cooling
logo
STMicroelectronics
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
logo
Inchange Semiconductor ...
ST26025A ISC-ST26025A Datasheet
144Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Sitronix Technology Co....
ST2602B SITRONIX-ST2602B Datasheet
591Kb / 34P
   8-bit Integrated Microcontroller
More results

Similar Description - ST2601B

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST2608B SITRONIX-ST2608B Datasheet
636Kb / 34P
   8-bit Integrated Microcontroller
ST2604B SITRONIX-ST2604B Datasheet
654Kb / 33P
   8-bit Integrated Microcontroller
ST2602B SITRONIX-ST2602B Datasheet
591Kb / 34P
   8-bit Integrated Microcontroller
logo
List of Unclassifed Man...
TMP86FS49 ETC1-TMP86FS49 Datasheet
107Kb / 1P
   Highly Integrated 8-Bit Flash Microcontroller
ST2202 ETC-ST2202 Datasheet
1Mb / 65P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
logo
Sitronix Technology Co....
ST2202A SITRONIX-ST2202A Datasheet
2Mb / 75P
   8 BIT Integrated Microcontroller with 256K Bytes ROM
ST2205U SITRONIX-ST2205U Datasheet
723Kb / 32P
   8 BIT Integrated Microcontroller with 32K Bytes RAM
ST2204 SITRONIX-ST2204 Datasheet
684Kb / 24P
   8 BIT Integrated Microcontroller with 512K Bytes ROM
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com