Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2205U Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST2205U
Description  8 BIT Integrated Microcontroller with 32K Bytes RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2205U Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST2205U Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2205U Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ST2205U
Version 1.0
2/32
6/13/2007
12-bit current DAC with two 4-word buffer
Universal Asynchronous Receiver/Transmitter (UART)
– Full-duplex operation
– Baud rate generator with one digital PLL
– Standard baud rates of 600 bps to 115.2 kbps
– Both transmitter and receiver buffers supported
– Direct glueless support of IrDA physical layer protocol
– Two sets of I/Os (TX,RX) for two independent devices
Serial Peripheral Interface (SPI)
– Inter IC sound (IIS) supported
– Master and slave modes
– Five serial signals including enable and data-ready
– Both transmitter and receiver buffers supported
– Programmable data length from 7-bit to 16-bit
Three power down modes
– WAI0 mode
– WAI1 mode
– STP mode
On-chip ICE debug interface
2
2.. G
GE
EN
NE
ER
RA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
The ST2205U is a 8-bit integrated microcontroller designed
with CMOS silicon gate technology. The true static CPU core,
power down modes and dual oscillators design makes the
ST2205U suitable for power saving and long battery life
designs. The ST2205U integrates various logic to support
functions on-chip which are needed by system designers. This
is also important for lower system complexity, small board size
and, of course, shorter time to market and less cost.
The ST2205U features the capacity of memory access of
maximum 44M bytes which is needed by products with large
data bases. Six chip selects are equipped for direct connection
to external ROM, SRAM, Flash memory or other devices.
Maximum one single device of 16M bytes is possible.
Two DMA channels make fast data transfer possible and easy.
Both source and destination pointers can refer to the whole
memory space with 15-bit pointers and bank registers. Besides
normal operation, two special modes are designed for double
transfer speed of Nand Flash memory and also fast graphic
operation between two display pictures.
Nand Flash is a low cost mass data storage solution for newly
design. The ST2205U equips a Nand flash interface to connect
both Nand and And Flash memories. Both ECC generating and
checking functions are supported. These are very important for
Flash data management.
The ST2205U has 56 I/Os grouped into 7 ports, Port-A ~ Port-F
and Port-L. Each pin can be programmed to input or output.
There are two options: pull-up/down for inputs of Port-C and
only pull-up for inputs of the other ports. In case of output,
there are open-drain/CMOS options for outputs of PortC and
only CMOS for other ports. Port-A is designed for keyboard
scan with de-bounce and transition triggered interrupt, while
Port-C/D/E/F/L are shared with other system functions. All the
properties of I/O pins are still programmable when they are
assigned to another function. This enlarges the flexibility of the
usage of function signals.
The internal 32K bytes RAM helps to drive large LCD panels
up to 160xRGBx120. Together with 16-graylevel support, the
ST2205U can rich display information and the diversity of
contents as well. This is done with no need of external display
RAM because of the special internal memory sharing design.
The variable display buffer technique also make large panel
size with small internal RAM possible. User may free major
internal RAM for temporary computing or access while keeping
the display content correct.
The ST2205U equips serial communication ports of one UART
and one SPI to perform different communications, ex.: RS-232
and IrDA, with system components or other products such as
PC, Notebook, and popular PDA. Two clocking outputs can
produce synthesized PWM signals or high frequency carrier for
IR remote control. This helps products become more useful in
our daily life.
Communication with PC via USB is becoming more and more
popular. The ST2205U features one PLL, a 3.3V regulator, and
a USB 2.0 Full speed device engine to satisfy the strong
demand of fast data transfer from market. Both HID and Mass
storage classes are supported as well as the firmware libraries
and the Windows drivers.
The built-in four channels PSG and a 12-bit current DAC
provide a nice quality voice together with a 4-channel
wavetable melody in the background. Both voice and melody
functions have buffers to make program easier and well
structured, and also a 16x8 multiplier is to control the volumn of
each channel. Besides hardware, ADPCM algorithm and a
MIDI converter Windows software are also provided to speed
up the development. In addition to current DAC, two dedicated
pins with large driving capacity can drive a buzzer/speaker
directly for minimum cost.
The ST2205 has one Low Voltage Detector (LVD) for power
management. The status of internal or external power can be
detected and reported to the management software.
Power bouncing during power on is a major problem when
designing a reliable system. The ST2205U equips Low Voltage
Reset (LVR) function to keep whole system in reset status
when power is low. After the power backs to normal, the
system may recover its original states and keeps working
correctly. Besides LVR, Watch Dog Timer (WDT) is also built-in
and is an essential function for a good design.
Power consumption is another big issue for a battery-powered
device. The ST2205U has different power down modes and
clock switch scheme to make the consuming power as low as
possible. The built-in Real Time Clock (RTC) is not only for
keeping time correctly but also an alternative of software timer
with much lower working power.
The ST2205U equips an ICE debug interface for efficient
development flow. Besides hardware emulator, a software
simulator is also supported to save programmers setting up the
system and makes programming be at anywhere.


Similar Part No. - ST2205U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST220-100T4MI VISHAY-ST220-100T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2MI VISHAY-ST220-50T2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST2200-25T4MI VISHAY-ST2200-25T4MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Goodwork Semiconductor ...
ST2200L GWSEMI-ST2200L Datasheet
48Kb / 2P
   2.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
ST220100 VISHAY-ST220100 Datasheet
86Kb / 4P
   Super Tan® Wet Tantalum Capacitors with Hermetic Seal
Revision: 17-Jul-08
More results

Similar Description - ST2205U

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC ATMEL-AT89C51RC_05 Datasheet
429Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
AT87F51RC ATMEL-AT87F51RC Datasheet
357Kb / 25P
   8-bit Microcontroller with 32K Bytes QuickFlash
AT89C51RC ATMEL-AT89C51RC_08 Datasheet
540Kb / 36P
   8-bit Microcontroller with 32K Bytes Flash
AT89C51RC2-RLRIM ATMEL-AT89C51RC2-RLRIM Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RC2 ATMEL-AT89C51RC2 Datasheet
1Mb / 125P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
T89C51RB2 ATMEL-T89C51RB2_06 Datasheet
1Mb / 117P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
AT89C51RB2 ATMEL-AT89C51RB2_06 Datasheet
1Mb / 127P
   8-bit Microcontroller with 16K/ 32K Bytes Flash
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
   8-Bit Microcontroller With 2K Bytes RAM
logo
ATMEL Corporation
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com