Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST2204 Datasheet(PDF) 24 Page - Sitronix Technology Co., Ltd.

Part No. ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 24 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 24Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
ST2204
The above information is the exclusive intellectual property of Sitronix Technology Corp. and shall not be disclosed, distributed or reproduced
without permission from Sitronix.
Sitronix Technology Corp. reserves the right to change this document without prior notice and makes no
warranty for any errors which may appear in this document. Sitronix products are not intended for use in life support, critical care, medical,
safety equipment, or similar applications where products failure could result in injury, or loss of life, or personal or physical harm, or any
military or defense application, or any governmental procurement to which special terms or provisions may apply.
Ver 0.6
24/24
2008/11/10
2
23
3.. R
RE
EV
VIIS
SIIO
ON
NS
S
REVISION DESCRIPTION
PAGE
DATE
0.6
Remove the operation frequency 8.0Mhz@3.1V(Min.).
Add warm-up process in crystal mode.
Add the rom code checklist.
1
19
22
2008/11/10
0.5
Modify SPI pin name in TABLE 3-1.
ADD the configuration diagram of Port-C in FIGURE 7-2.
Modify PSG clock selection in FIGURE 10-1.
Modify DAC clock source selection in FIGURE 11-2.
Modify SPI pin name in section 21.
3
8
11
12
21
2003/10/13
0.4
Modify application circuit, see notes on page 21
Add pad diagram and device information
Change ICE1 pin name to LVR /ICE1
Add more description about LVD in section 19
Add section 20 “LOW VOLTAGE RESET”
21
5, 6
2003/06/17
0.3
Modify Page 1
1
2003/03/13
0.2
Change internal RAM size from 8K to 10K bytes.
1
2003/01/13
0.1
First release
2002/10/11


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn