Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU4T041CXLF Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # LU4T041CXLF
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LU4T041CXLF Datasheet(HTML) 2 Page - Bothhand USA, LP.

  LU4T041CXLF Datasheet HTML 1Page - Bothhand USA, LP. LU4T041CXLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
“LAN-MATE” SERIES
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
P/N: LU4 T041CX LF
Page : 2/2
A1(08/01)
Mechanical
1.
Plastic Material
:
Thermoplastic (UL 94V-0), Black Housing
2.
Metal Shield
:
Brass, 20u" inches thick Nickel
3.
Spring Wire
:
Phosphor bronze with selective gold plating
4.
Solder Pin
:
0.4x0.4mm, Phosphor bronze with solder Plated
5.
Durability
:
750 Mating cycles Min.
PCB Layout Mounting Hole(Top View)
Bothhand USA
email:sales@bothhandusa.com
tel: 978-887-8050
462 Boston St,
Topsfield, MA 01983
http://www.bothhandUSA.com
email:sales@bothhandusa.com
tel: 978-887-8050
fax: 978-887-5434


Similar Part No. - LU4T041CXLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU4T041CLF BOTHHAND-LU4T041CLF Datasheet
188Kb / 2P
   1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results

Similar Description - LU4T041CXLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HU1S041XLF BOTHHAND-HU1S041XLF Datasheet
177Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041LF BOTHHAND-LU1S041LF Datasheet
173Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1T041LF BOTHHAND-LU1T041LF Datasheet
180Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A BOTHHAND-LU1S041A Datasheet
231Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041B BOTHHAND-LU1S041B Datasheet
199Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041E BOTHHAND-LU1S041E Datasheet
95Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516 BOTHHAND-LU1S516 Datasheet
207Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
PU1T041FN1 BOTHHAND-PU1T041FN1 Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S041A1LF BOTHHAND-LU1S041A1LF Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1S516E1 BOTHHAND-LU1S516E1 Datasheet
99Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
LU1T041H BOTHHAND-LU1T041H Datasheet
107Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com