Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O20.0-JO32H-F-2.5-1-T1 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part # O20.0-JO32H-F-2.5-1-T1
Description  High Stability Oscillator with Stop Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O20.0-JO32H-F-2.5-1-T1 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  O20.0-JO32H-F-2.5-1-T1 Datasheet HTML 1Page - Jauch Quartz Gmbh O20.0-JO32H-F-2.5-1-T1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Marking
frequency
requency / frequ. stability code / date code
date code:
A ~ M: Jan.- Dec.
5: 2005
6: 2006
7: 2007
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Oscillator · JO32H · 2.5 V · Low Power
temperature (
°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260
°C max.
180
±5 °C
220
±5 °C
Reflow Soldering Profile
note: parts are also suitable for soldering systems with lead (Pb) content
standard packing units are 500 pieces per reel
non-multiple packing units are only supplied taped / bulk
Packing Note
1.4±0.1
2.7±0.1
ø 1.5±0.1
Feeding
4.0±0.1
4.0±0.1
Taping Specification
500 pcs per reel
2.0±0.1
120
°
±0.3
8.75


Similar Part No. - O20.0-JO32H-F-2.5-1-T1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O20.0-JO32H-F-1.8-1-T1-LF JAUCH-O20.0-JO32H-F-1.8-1-T1-LF Datasheet
164Kb / 2P
   Oscillator
O20.0-JO32H-F-1.8-1-T2-LF JAUCH-O20.0-JO32H-F-1.8-1-T2-LF Datasheet
164Kb / 2P
   Oscillator
O20.0-JO32H-F-3.3-1 JAUCH-O20.0-JO32H-F-3.3-1 Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
O20.0-JO32H-F-3.3-1-T1 JAUCH-O20.0-JO32H-F-3.3-1-T1 Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
More results

Similar Description - O20.0-JO32H-F-2.5-1-T1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO22H-2.5V JAUCH-JO22H-2.5V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-3.3V JAUCH-JO22H-3.3V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO32H JAUCH-JO32H Datasheet
166Kb / 2P
   High Stability Oscillator with Stop Function
JO53H JAUCH-JO53H Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO75H-5.0V JAUCH-JO75H-5.0V Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
JO75H-3.3V JAUCH-JO75H-3.3V Datasheet
178Kb / 2P
   High Stability Oscillator with Stop Function
JO22H-1.8V JAUCH-JO22H-1.8V Datasheet
168Kb / 2P
   High Stability Oscillator with Stop Function
JO53H-3.3V JAUCH-JO53H-3.3V Datasheet
155Kb / 2P
   High Stability Oscillator with Stop Function
JO32-2.8V JAUCH-JO32-2.8V Datasheet
156Kb / 2P
   SMD Oscillator with Stop Function
VX3-2.5V JAUCH-VX3-2.5V Datasheet
143Kb / 2P
   SMD Oscillator with Stop Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com