Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU1S041-43 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # LU1S041-43
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LU1S041-43 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  LU1S041-43 Datasheet HTML 1Page - Bothhand USA, LP. LU1S041-43 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“LAN-MATE” SERIES
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE- TX MAGNETICS AND LEDS
P/N: LU1S041-43
Page : 1/2
Feature
l
Complies with requirement of IEEE802.3u standards.
l
RJ 45 connector with 10/100 BASE-TX magnetic.
l
Meet UL safety standard.
l
Includes integrated 2 LEDS(option).LED signal leads are
isolated from the Ethernet signal leads to reduce EMI and
cross talk.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +85℃.
l
Recommended panel
Part Number Standard LED Forward*V(Max)
(TYP)
3
YELLOW
2.6V
2.1V
4
GREEN
2.6V
2.2V
*With a forward current 20mA
Electrical Specifications @ 25°C
Insertion Loss
(dB Max)
Part
Number
Turns Ratio
(±5%)
TX/RX
OCL(uH Min)
@ 100 KHz/0.1V
with 8mA DC Bias
CW/W
(pF Max)
L.L
(uH Max)
0.3-100MHz
HI-POT
(Vrms)
LU1S041-43
1CT:1CT
350
28
0.4
-1.15
1500
Continue
Return Loss
(dB Min) TX/RX
Cross talk
(dB Min)
CMR
(dB Min)
Part
Number
30MHz 40MHz 50MHz 60MHz 80MHz 0.3-30MHz 30-60MHz 60-100MHz 1-30MHz 30-60MHz 60-125MHz
LU1S041-43
-16
-14
-13.5
-13
-10
-40
-35
-30
-30
-25
-20
Schematic
Bothhandusa.com
LU1S041-43


Similar Part No. - LU1S041-43

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU1S041-43 BOTHHAND-LU1S041-43 Datasheet
245Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1S041-43-LF BOTHHAND-LU1S041-43-LF Datasheet
187Kb / 2P
   Complies with requirement of IEEE802.3u standards
LU1S041-43LF BOTHHAND-LU1S041-43LF Datasheet
187Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
More results

Similar Description - LU1S041-43

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LU1S041F-43-LF BOTHHAND-LU1S041F-43-LF Datasheet
188Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041-43-LF BOTHHAND-LU1T041-43-LF Datasheet
188Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T516-43-LF BOTHHAND-LU1T516-43-LF Datasheet
190Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1S522-XX BOTHHAND-LU1S522-XX Datasheet
270Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041C-XX BOTHHAND-LU1T041C-XX Datasheet
262Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041X-34LF BOTHHAND-LU1T041X-34LF Datasheet
105Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T516E1-43 BOTHHAND-LU1T516E1-43 Datasheet
109Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1S516E1-43 BOTHHAND-LU1S516E1-43 Datasheet
108Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T041F-43LF BOTHHAND-LU1T041F-43LF Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU1T516E-XX BOTHHAND-LU1T516E-XX Datasheet
118Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
LU4S516-XXLF BOTHHAND-LU4S516-XXLF Datasheet
98Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com