Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3B Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # S3B
Description  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

S3B Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  S3B Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd S3B Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES S3ATHRU S3M
0.01
0.01
0.1
1.0
10
0.3
0.1
50
100
200
 30
 100
 10
20
40
60
80
100
120
140
10
100
0.4
0.6
0.8
1.0
1.8
1.4
1.6
1.2
25
50
75
125
100
150
175
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.2-TYPICAL INSTANTANEOUS FORWARD
VOLTAGE.(V)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE.( VOLTS)
PERCENT OF RATED PEAK REVERSE VOLTAGE %
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( C)
TJ=25 C
PULSE WIDTH=300 S
1% DUTY CYCLE
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
NON-REPETITIVE
TJ=25 C
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
0.375"(9.5mm) lead length
 1
0.1
10
100
 10
 100
 200
FIG.5-TYPICAL JUNCTION CAPACITANCE
TJ=25 C
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657
FAX:86-531-6947096
WWW.JIFUSEMICON.COM
7-41


Similar Part No. - S3B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3B PANJIT-S3B Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Micro Commercial Compon...
S3B MCC-S3B Datasheet
630Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
logo
Pan Jit International I...
S3B PANJIT-S3B Datasheet
115Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Semikron International
S3B SEMIKRON-S3B Datasheet
115Kb / 2P
   Standard silicon rectifier diodes
logo
Shanghai Leiditech Elec...
S3B LEIDITECH-S3B Datasheet
311Kb / 3P
   Surface Mount Standard Rectifiers
More results

Similar Description - S3B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com