Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O20.0-JV53-B-3.3-10-T1 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # O20.0-JV53-B-3.3-10-T1
Description  SMD Voltage Control Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O20.0-JV53-B-3.3-10-T1 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  O20.0-JV53-B-3.3-10-T1 Datasheet HTML 1Page - Jauch Quartz Gmbh O20.0-JV53-B-3.3-10-T1 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Oscillator · VCXO · JV53 · 3.3 V
actual size
1.2±0.1
2.54±0.1
1.4±0.1
2.54±0.1
5.0±0.2
#4
#3
#1
#2
#3
#4
#2
#1
Dimensions
pin connection
# 1: Vcontrol
# 2: ground
# 3: output
# 4: VDC
in mm
top view
side view
bottom view
pad layout
Table 1: Frequency Stability Code
stability code
BG
± 50 ppm
± 30 ppm
-20 °C ~ +70 °C
OO
-40 °C ~ +85 °C
OO
standard O available
General Data
type
frequency range
frequency stability over all*
current consumption
supply voltage VDC
frequency pulling range min.
pulling control voltage
pulling linearity
temperature
operating
storage
output
rise & fall time
load max.
current max.
low level max.
high level min.
standby function
start-up time max.
symmetry at 0.5 x VDC
JV53 3.3 V
2.0 ~ 54.0 MHz
± 30ppm / ± 50ppm
see table 1
see table 2
3.3 V ± 10%
± 100ppm (± 150ppm typ.)
1.65 V ± 1.35 V
<10%
-20 °C ~ +70 °C / -40 °C ~ +85 °C
-55 °C ~ +125 °C
see table 3
15pF
4mA
0.1 x VDC
0.9 x VDC
no
10ms
45% ~ 55% max.
blank = -20 °C ~ +70 °C
T 1 = -40 °C ~ +85 °C on request
Order Information
Example: O 27.0-JV53-B-3.3-10
(Suffix LF = RoHS compliant / Pb free pins or pads)
O
frequency
in MHz
type
frequency stability
in ppm
Oscillator
2.0 ~ 54.0 MHz
JV53
G = ± 30 ppm
B = ± 50 ppm
3.3 = 3.3 V
10 = ± 100 ppm
option
supply voltage
in Volt
pulling range
in ppm
* includes stability at 25 °C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
SMD Voltage Control Crystal Oscillator
· 5.0 x 3.2 mm
pulling range up to ± 100 ppm min.
reflow soldering temperature: 260 °C max.
ceramic/metal package
060209
Table 2: Current Consumption max.
Recommendation
2.0 ~ 19.9 MHz
10 mA
20.0 ~ 29.9 MHz
15 mA
30.0 ~ 39.9 MHz
20 mA
40.0 ~ 54.0 MHz
25 mA
Current at 15pF load:
Table 3: Rise & Fall Time max.
6.0 ns: > 10.0 MHz
10.0 ns: < 10.0 MHz
note:
- specific data on request
- rise time: 0.1 VDC ~ 0.9 VDC
- fall time: 0.9 VDC ~ 0.1 VDC
To avoid phase noise or FM modulation in the output frequency spectrum,
we recommend to feed the Vcontrol input pin by a low source impedance.


Similar Part No. - O20.0-JV53-B-3.3-10-T1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O20.0-JCO14-2-A-3.3V- JAUCH-O20.0-JCO14-2-A-3.3V- Datasheet
79Kb / 2P
   Pin Type Oscillator
O20.0-JCO14-2-A-3.3V-T1 JAUCH-O20.0-JCO14-2-A-3.3V-T1 Datasheet
79Kb / 2P
   Pin Type Oscillator
O20.0-JCO14-2-A-T1 JAUCH-O20.0-JCO14-2-A-T1 Datasheet
79Kb / 2P
   Oscillator
O20.0-JCO14-2-B-3.3V- JAUCH-O20.0-JCO14-2-B-3.3V- Datasheet
79Kb / 2P
   Pin Type Oscillator
O20.0-JCO14-2-B-3.3V-T1 JAUCH-O20.0-JCO14-2-B-3.3V-T1 Datasheet
79Kb / 2P
   Pin Type Oscillator
More results

Similar Description - O20.0-JV53-B-3.3-10-T1

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JV75-5.0V JAUCH-JV75-5.0V Datasheet
216Kb / 2P
   SMD Voltage Control Crystal Oscillator
logo
TEMEX
RVX5032P TEMEX-RVX5032P Datasheet
621Kb / 8P
   SMD Voltage Control Crystal Oscillator
logo
Jauch Quartz Gmbh
JV53-5.0V JAUCH-JV53-5.0V Datasheet
151Kb / 2P
   SMD Voltage Control Crystal Oscillator
JV75-3.3V JAUCH-JV75-3.3V Datasheet
218Kb / 2P
   SMD Voltage Control Crystal Oscillator
logo
Abracon Corporation
APVV ABRACON-APVV Datasheet
795Kb / 2P
   CERAMIC SMD VOLTAGE CONTROL CRYSTAL OSCILLATOR
logo
Jauch Quartz Gmbh
JCO923 JAUCH-JCO923 Datasheet
98Kb / 2P
   Voltage Control Crystal Oscillator
logo
Vectron International, ...
VX-708 VECTRON-VX-708 Datasheet
3Mb / 4P
   Voltage Control Crystal Oscillator
logo
Jauch Quartz Gmbh
JCO924 JAUCH-JCO924 Datasheet
98Kb / 2P
   Voltage Control Crystal Oscillator
logo
Abracon Corporation
ABNM ABRACON-ABNM Datasheet
292Kb / 2P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ASPE ABRACON-ASPE Datasheet
267Kb / 1P
   CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com