Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGF20G Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # EGF20G
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

EGF20G Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  EGF20G Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd EGF20G Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES EGF
20A THRU EGF20M
25
50
75
100
125
150
175
2.0
1.0
0.5
1.5
3.0
2.5
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
SET TIME BASE FOR 5/10 ns/cm
AMBIENT TEMPERATURE ( C)
1cm
-0.25A
+0.5A
-1.0A
FIG.1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
Single Phase Half Wave 60hz
Resistive or Inductive Load
0.375"(9.5mm) Lead Length
PULSE
GENERATOR
(NOTE2)
NON INDUCTIVE
OSCILLOSCOPE
(NOTE1)
D.U.T.
NON INDUCTIVE
NON IN-
DUCTIVE
50
50Vdc
(APPROX)
10
1
(-)
(+)
Trr
NOTES:1.Rise Time=7ns max. input impedance=1
megohm 22pF
2.Rise Time=10ns max. source impedance
=50 ohms
EGF20A-EGF20G
EGF20J-EGF20M
0.01
0.1
1.0
100
10
0.01
0.1
20
10
30
70
60
50
40
 10
20
40
60
80
100
120
140
50
10
100
0.2
0.4
0.6
0.8
1.0
1.4
1.2
FIG.5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=25 C
TJ=100 C
0.1
0.5
10
50
20
100
25
75
100
175
150
50
125
FIG.6-TYPICAL JUNCTION CAPACITANCE
TJ=25 C
TA=25 C
TA=25 C
Pulse Width=300 s
1% Duty Cycle
EGF20A-EGF20G
EGF20J-EGF20M
EGF20A-EGF20F
EGF20G
EGF20J-EGF20M
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA   TEL:86-531-6943657  FAX:86-531-6947096  
WWW.JIFUSEMICON.COM
8-17


Similar Part No. - EGF20G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGF20G ZOWIE-EGF20G Datasheet
64Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Shenzhen Taychipst Elec...
EGF20G TAYCHIPST-EGF20G Datasheet
2Mb / 2P
   SUPER FAST RECTIFIER
logo
Zowie Technology Corpor...
EGF20GH ZOWIE-EGF20GH Datasheet
60Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results

Similar Description - EGF20G

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com