Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55 Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # BZX55
Description  SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

BZX55 Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  BZX55 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd BZX55 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd BZX55 Datasheet HTML 3Page - Jinan Jingheng (Group) Co.,Ltd BZX55 Datasheet HTML 4Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.5W SILIC O N PLANAR ZENER DIOD ES
FEA TU RES
M EC H ANIC A L DATA
ABSO LU TE M A XIMU M RA TING S(LIMITING V A LU ES) (T = 25 C )
A
ELEC TRICA L CH A RA C TERISTICS (T = 25 C )
A
The zenervoltage are graded according to the internationalE24
standard.O ther
on request
voltage tolerance and higherzenervoltage
Zenercurrentsee table "C haracteristics"
Therm alresistance junction to am bientair
P tot
R JA
mW
TSTG
Pow erdissipation atT =50 C
A
Forw ard voltage atI =100m A
F
Junction tem perature
S torage tem perature range
1)Valid provided thata distance of8m m from case are keptatam bienttem perature
1)Valid provided thata distance of8m m from case are keptatam bienttem perature
-65 to+175
C
C
K/W
V
TJ
V F
175
1.0
500
300
1)
1)
DO -35
Dimensions in inches and (m illimeters)
0.150(3.8)
MAX
1.083(27.5)
MIN
1.083(27.5)
MIN
0.079(2.0)
MAX
DIA
0.020(0.52)
MAX
DIA
Case
Weight
:
:
D O -35 glass case
Approx.0.13 gram
Polarity:C olorband denotes cathode end
R
SE MIC ON DUC TOR


Similar Part No. - BZX55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX55 PHILIPS-BZX55 Datasheet
41Kb / 7P
   Voltage regulator diodes
1996 Apr 26
logo
New Jersey Semi-Conduct...
BZX55 NJSEMI-BZX55 Datasheet
169Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Semtech Corporation
BZX55 SEMTECH-BZX55 Datasheet
320Kb / 3P
   SILICON PLANAR ZENER DIODES??????
logo
Vishay Siliconix
BZX55 VISHAY-BZX55 Datasheet
107Kb / 7P
   Small Signal Zener Diodes
01-Jan-2022
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX55

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com