Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

Q70.0-S-30-5 Datasheet(PDF) 2 Page - Jauch Quartz Gmbh

Part No. Q70.0-S-30-5
Description  Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JAUCH [Jauch Quartz Gmbh]
Homepage  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q70.0-S-30-5 Datasheet(HTML) 2 Page - Jauch Quartz Gmbh

  Q70.0-S-30-5 Datasheet HTML 1Page - Jauch Quartz Gmbh Q70.0-S-30-5 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
Quartz Crystal · HC49/U-SMC
temperature (°C)
time (s)
150
260
200
50
100
60 ~180 s
60 s max.
10 s max.
260 °C max.
180 ±5 °C
220 ±5 °C
Reflow Soldering Profile
16.0±0.1
4.0±0.1
11.3±0.2
ø 1.5±0.1
2.0±0.1
ø 1.5±0.1
0.3
5.5
Direction of feed
Taping Specification SMD Version
750 pcs per reel
in mm
2.0
ø 21
120°
24.8
Marking
frequency
company code / load capacitance
data code / internal code
note: parts are also suitable for soldering systems with lead (Pb) content


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn