Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY255 Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # BY255
Description  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

BY255 Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  BY255 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd BY255 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY251 THRU BY255
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 200 to 1300 Volts
Forward Current -3.0Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave 60Hz,,resistive or inductive
load. For capacitive load, derate by 20%.)
FEATURES
MECHANICAL DATA
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial lead solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.042ounce, 1.1 grams
Low cost
Diffused junction
High current capability
The plastic material carries U/L recognition 94V-0
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Volts
A
Amps
Amps
Amps
I(AV)
IFSM
IFRM
VF
IR
R JA
Maximum average Forward Rectified Current
at TA=50 C
Maximum Instantaneous Forward Voltage
at 3.0 A
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance
Maximum Reverse current at rated DC
Blocking Voltage
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
Recurrent peak Forward Current
3.0
100.0
30.0
30.0
10.0
20.0
1.1
P
F
C/W
CJ
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V
DO-201AD
Dimensions in inches and (millimeters)
0.375(9.50)
0.210(5.3)
0.052(1.32)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.285(7.20)
0.190(4.8)
DIA
0.048(1.22)
DIA
200
400
600
800
1000
TSTG
Operating and Storage temperature Range
C
TJ
-50 to+150
SEMICONDUCTOR
Symols
Units
BY
251
BY
252
BY
253
BY
254
BY
255
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657
FAX:86-531-6947096
WWW.JIFUSEMICON.COM
7-44


Similar Part No. - BY255

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY255 PANJIT-BY255 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY255 DIOTEC-BY255 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Won-Top Electronics
BY255 WTE-BY255 Datasheet
62Kb / 4P
   3.0A HIGH VOLTAGE STANDARD DIODE
logo
Shenzhen Ping Sheng Ele...
BY255 PFS-BY255 Datasheet
207Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Transys Electronics
BY255 TRSYS-BY255 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results

Similar Description - BY255

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com