Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-C230DS2 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTW-C230DS2
Description  Property of Lite-On Only
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-C230DS2 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTW-C230DS2 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-C230DS2 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-C230DS2 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-C230DS2 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-C230DS2 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-C230DS2 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-C230DS2 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-C230DS2 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-C230DS2 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Bin Code List
C. I. E. 1931 Chromaticity Diagram
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.26
0.27
0.28
0.29
0.3
0.31
0.32
X
X
X
X
y
S3
S2
S4
S1
Part
No. : LTW-C230DS2
Page :
5
of
10
BNS-OD-C131/A4
VF Spec. Table
Forward Voltage (V) at IF = 2mA
VF Bin
Min.
Max.
A10
2.60
2.70
B10
2.70
2.80
B11
2.80
2.90
12
2.90
3.00
13
3.00
3.10
Tolerance on each Forward Voltage bin is +/-0.1 volt
IV Spec. Table
Luminous Intensity (mcd) at IF = 2mA
IV Bin
Min.
Max.
M
18
28
N
28
45
Tolerance on each Luminous Intensity bin is +/- 15%.
Hue Spec. Table
Color bin limits at IF = 2mA
Hue Bin
CIE 1931Chromaticity coordinates
x
0.274
0.274
0.294
0.294
S1
y
0.226
0.258
0.286
0.254
x
0.274
0.274
0.294
0.294
S2
y
0.258
0.291
0.319
0.286
x
0.294
0.294
0.314
0.314
S3
y
0.254
0.286
0.315
0.282
x
0.294
0.294
0.314
0.314
S4
y
0.286
0.319
0.347
0.315
Tolerance on each Hue (x, y) bin is +/- 0.01.


Similar Part No. - LTW-C230DS2

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTW-C230DS2 TO-GRACE-LTW-C230DS2 Datasheet
834Kb / 11P
   Meet RoHS, Green Product.
logo
Lite-On Technology Corp...
LTW-C230DS2 LITEON-LTW-C230DS2 Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
LTW-C230DS2 LITEON-LTW-C230DS2_14 Datasheet
651Kb / 11P
   Property of Lite-On Only
More results

Similar Description - LTW-C230DS2

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com