Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q16.0-JXE42-12-20 Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # Q16.0-JXE42-12-20
Description  Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

Q16.0-JXE42-12-20 Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  Q16.0-JXE42-12-20 Datasheet HTML 1Page - Jauch Quartz Gmbh Q16.0-JXE42-12-20 Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The pulse of progress
Quartz Crystal • JXE 63
General Data
Frequency Stability vs. Temperature
ESR (series resistance Rs)
Quartz Crystal • JXE42
Features
I bluetooth applications
Surface Mount Quartz Crystal
Order Information
Example: Q 28.0-JXE42-12-20/30-FU
Q
frequency
in MHz
type
load capacitance
in pF
stability at 25 °C
in ppm
option
Quartz
13.0 ~ 50.0 MHz
JXE42
12 pF ~ 16 pF
± 20 ppm
± 30 ppm
see table
blank = -20°C ~ +70°C
FU = fundamental AT-cut
T1 = -40°C ~ +85°C
stability vs.
temp. range
in ppm
JX
E
4
2
actual size
actual size
type
frequency range
frequency tolerance at 25 °C
load capacitance CL
shunt capacitance Co
storage temperature
drive level max.
aging
Marking
frequency with load capacitance code
company code / date code / internal code
date code:
year/month
example:
4A = 2004 January
Jan.
Febr.
Mar.
Apr.
May
June
AB
C
D
E
F
July
Aug.
Sept.
Oct.
Nov.
Dec.
GH
J
K
L
M
-20 °C ~ +70 °C
STD.
-40 °C ~ +85 °C
T1
I ceramic/ceramic package
JXE42
13.0 ~ 50.0 MHz
( fund. AT-cut )
±20 ppm ~ ± 30 ppm
12 pF ~ 16 pF
< 7 pF
-40 °C ~ +90 °C
100 µW
< ±5 ppm first year
frequency
vibration
ESR max.
ESR typ.
in MHz
mode
in
in
13.0 ~ 15.999
fund.- AT
80
40
16.0 ~ 50.000
fund.- AT
60
30
± 30 ppm
± 50 ppm
OO
O
standard
O
on request
The pulse of progress
Jauch Quartz GmbH • Telephone: (+49) 77 20 / 9 45-0 • Telefax: (+49) 77 20 / 9 45-100 • Internet: www.jauch.de • e-mail: info@jauch.de • 02/2004


Similar Part No. - Q16.0-JXE42-12-20

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
Q16.0-JXG32P4-12-30/100 JAUCH-Q16.0-JXG32P4-12-30/100 Datasheet
122Kb / 2P
   SMD Quartz Crystal
Q16.0-JXG32P4-12-30/30 JAUCH-Q16.0-JXG32P4-12-30/30 Datasheet
122Kb / 2P
   SMD Quartz Crystal
Q16.0-JXG32P4-12-30/50 JAUCH-Q16.0-JXG32P4-12-30/50 Datasheet
122Kb / 2P
   SMD Quartz Crystal
Q16.0-JXG53P2-12-100 JAUCH-Q16.0-JXG53P2-12-100 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
Q16.0-JXG53P2-12-30 JAUCH-Q16.0-JXG53P2-12-30 Datasheet
126Kb / 2P
   SMQDu Qarutaz rCtzr yCsrtyasl
More results

Similar Description - Q16.0-JXE42-12-20

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com