Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O20.0-JCO14-2-G-3.3V- Datasheet(PDF) 1 Page - Jauch Quartz Gmbh

Part # O20.0-JCO14-2-G-3.3V-
Description  Pin Type Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAUCH [Jauch Quartz Gmbh]
Direct Link  http://www.jauchusa.com
Logo JAUCH - Jauch Quartz Gmbh

O20.0-JCO14-2-G-3.3V- Datasheet(HTML) 1 Page - Jauch Quartz Gmbh

  O20.0-JCO14-2-G-3.3V- Datasheet HTML 1Page - Jauch Quartz Gmbh O20.0-JCO14-2-G-3.3V- Datasheet HTML 2Page - Jauch Quartz Gmbh  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jauch Quartz GmbH e-mail: info@jauch.de
full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice
RoHS
2002/95/EC
Pb free: pins / pads
RoHS compliant
Oscillator · JCO · 3.3 V
actual size
Pin Type Oscillator
soldering temperature: 260 °C max.
metal package
blank = -10 °C ~ +70 °C
T1 = -40 °C ~ +85 °C
Order Information
Example: O 20.0-JCO8-3-A-3.3V-T1
(LF = RoHS compliant / Pb free pins or pads)
O
frequency
type
e/d function
Oscillator
1.0 ~ 160.0 MHz
JCO8
JCO14
2 = no
3 = yes/tristate
see table 1
3.3 V = 3.3 Volt
option
frequency stability
supply voltage
code
Table 2: Current Consumption max.
1.0 ~ 29.9 MHz 10 mA
30.0 ~ 49.9 MHz 15 mA
50.0 ~ 89.9 MHz 30 mA
90.0 ~ 124.9 MHz 45 mA
125.0 ~ 160.0 MHz 60 mA
1.0 ~ 29.9 MHz
20 mA
30.0 ~ 50.0 MHz
35 mA
Current at 15pF load:
Current at 30pF load:
Table 1: Frequency Stability Code
stability code
AB
G
C
D
E
± 100 ppm
± 50 ppm
± 30 ppm
± 25 ppm
± 20 ppm
± 15 ppm
-10 °C ~ +70 °C
O
OO
O
O
-40 °C ~ +85 °C
OO
O
standard O on request
Table 3: Rise & Fall Time max.
6.0 ns:
1.0 ~ 49.9 MHz
5.0 ns: 50.0 ~ 79.9 MHz
4.0 ns: 80.0 ~ 99.9 MHz
3.0 ns: 100.0 ~ 160.0 MHz
note:
- specific data on request
- rise time: 0.1 VDC ~ 0.9 VDC
- fall time: 0.9 VDC ~ 0.1 VDC
20.4
15.24±0.2
#14
#1
#8
#7
Dimensions JCO14 / JCO8
pin connection
# 1: not connected or e/d
# 4: ground
# 5: output
# 8: supply voltage
pin connection
# 1: not connected or e/d
# 7: ground
# 8: output
#14: supply voltage
#5
#4
#8
#1
7.620.2
12.8
in mm
JCO14
JCO8
top view
side view
bottom view
General Data
type
frequency range
frequency stability over all
current consumption
supply voltage VDC
temperature
operating
storage
output
rise & fall time
load max
current max.
low level max.
high level min.
output enable time max.
output disable time max.
start-up time max.
standby function
phase jitter 12 kHz ~ 20.0 MHz
symmetry at 0.5 x VDC
JCO8 / JCO14 3.3 V
1.0 ~ 160.0 MHz (15pF max.)
1.0 ~ 50.00 MHz (15pF~30pF max.)
± 15ppm ~ ± 100ppm (table 1)
see table 2
3.3 V ± 10%
-10 °C ~ +70 °C / -40 °C ~ +85 °C
-55 °C ~ +125 °C
see table 3
15pF / 30pF
8mA
+0.5 V
VDC -0.5 V
10ms
100ns
10ms
optional
< 1.0ps RMS
45% ~ 55% typ. (40% ~ 60% max.)


Similar Part No. - O20.0-JCO14-2-G-3.3V-

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
O20.0-JCO14-2-A-T1 JAUCH-O20.0-JCO14-2-A-T1 Datasheet
79Kb / 2P
   Oscillator
More results

Similar Description - O20.0-JCO14-2-G-3.3V-

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAC5 MMD-MAC5 Datasheet
79Kb / 2P
   14 Pin DIP Oscillator
MAH1 MMD-MAH1 Datasheet
588Kb / 2P
   14 Pin DIP Oscillator
logo
Maxim Integrated Produc...
MAX7375 MAXIM-MAX7375 Datasheet
603Kb / 7P
   3-Pin Silicon Oscillator
MAX7381 MAXIM-MAX7381 Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7375 MAXIM-MAX7375_V01 Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
logo
List of Unclassifed Man...
ECS-2100 ETC1-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2200X ECS-ECS-2200X Datasheet
183Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
Fox Electronics
F5L-4G FOX-F5L-4G Datasheet
89Kb / 1P
   14-PIN DIP PECL OSCILLATOR
logo
ECS, Inc.
ECS-2200 ECS-ECS-2200 Datasheet
189Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2200 ETC1-ECS-2200 Datasheet
106Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com