Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-352T-V Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTV-352T-V
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-352T-V Datasheet(HTML) 6 Page - Lite-On Technology Corporation

Back Button LTV-352T-V Datasheet HTML 2Page - Lite-On Technology Corporation LTV-352T-V Datasheet HTML 3Page - Lite-On Technology Corporation LTV-352T-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV-352T-V Datasheet HTML 5Page - Lite-On Technology Corporation LTV-352T-V Datasheet HTML 6Page - Lite-On Technology Corporation LTV-352T-V Datasheet HTML 7Page - Lite-On Technology Corporation LTV-352T-V Datasheet HTML 8Page - Lite-On Technology Corporation LTV-352T-V Datasheet HTML 9Page - Lite-On Technology Corporation LTV-352T-V Datasheet HTML 10Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of LITE-ON Only
ISOLATION SPECIFICATION ACCORDING TO VDE 0884
Parameter
Symbol
Conditions
Rating
Unit
Remark
Class of environmental test
-
DIN IEC68
30/100/21
-
Pollution
-
DIN VDE0110
2
-
Maximum Operating
Isolation Voltage
VIORM
-
565
VPEAK
Diagram 1
tp=60s, qc<5pC
848
VPEAK
Partial Discharge
Test Voltage
(Between Input and
Output)
Diagram 2
Vpr
tp=1s, qc<5pC
1059
VPEAK
Maximum Over-voltage
VINITIAL
tINI = 10s
6000
VPEAK
Refer to the
Diagram 1, 2
Safety Maximum Ratings
1) Case Temperature
Tsi
IF = 0, Pc = 0
150
oC
2) Input Current
Isi
Pc=0
200
mA
3) Electric Power (Output or
Total Power Issipation)
Psi
-
300
mW
Refer to the
Figure 1, 3
Ta=Tsi
MIN.10
9
Ta=Topr(MAX.)
MIN.10
11
Isolation Resistance
(Test Voltage Between
Input and Output : DC500V)
RISO
Ta=25
oC
MIN.10
12
Precautions in performing isolation test
* Partial discharge test methods shall be the ones according to the specifications of
VDE 0884:1992-06
* Please don't carry out isolation test (Viso) over VINITIAL ,This product deteriorates
isolation characteristics by partial discharge due to applying high voltage
(ex. VINITIAL ). And there is possibility that this product occurs partial discharge in
operating isolation voltage (VIORM)
Part No. : LTV-352T-V
Page : 6 of
11
BNS-OD-C131/A4


Similar Part No. - LTV-352T-V

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-352T-TP LITEON-LTV-352T-TP Datasheet
231Kb / 10P
   Property of Lite-On Only
More results

Similar Description - LTV-352T-V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com