Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTV702VSTA1-V Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part No. LTV702VSTA1-V
Description  Property of Lite-On Only
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV702VSTA1-V Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTV702VSTA1-V Datasheet HTML 1Page - Lite-On Technology Corporation LTV702VSTA1-V Datasheet HTML 2Page - Lite-On Technology Corporation LTV702VSTA1-V Datasheet HTML 3Page - Lite-On Technology Corporation LTV702VSTA1-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV702VSTA1-V Datasheet HTML 5Page - Lite-On Technology Corporation LTV702VSTA1-V Datasheet HTML 6Page - Lite-On Technology Corporation LTV702VSTA1-V Datasheet HTML 7Page - Lite-On Technology Corporation LTV702VSTA1-V Datasheet HTML 8Page - Lite-On Technology Corporation LTV702VSTA1-V Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
FEATURES
1. This specification shall be applied to photocoupler. Model No. LTV-817 as an option.
2. Applicable Models (Business dealing name)
* Dual-in-line package :
LTV702V-V
* Wide lead spacing package :
LTV702VM-V
* Surface mounting package :
LTV702VS-V
* Tape and reel packaging :
LTV702VSTA1-V
3. The relevant models are the models Approved by VDE
according to DIN VDE 0884:1992-06
Approved Model No.: LTV-702V / LTV-702VM / LTV-702VS
VDE approved No.: 094722
(According to the specification DIN VDE 0884:1992-06)
* Operating isolation voltage VIORM : 700V (Peak)
* Transient voltage VTR : 6000V (Peak)
* Pollution : 2 (According to VDE 0110-1 : 1997-04)
* Clearances distance (Between input and output) : 7.0mm (MIN.)
* Creepage distance (Between input and output) : 7.0mm (MIN.)
* Isolation thickness between input and output : 0.4mm (MIN.)
* Safety limit values Current (Isi) : 400mA (Diode side)
Power (Psi) : 700mW (Phototransistor side)
Temperature(Tsi) : 175
oC
In order to keep safety electric isolation of photocoupler, please set the protective
circuit to keep within safety limit values when the actual application equipment
troubled.
* Indication of VDE 0884 approval prints "
" on sleeve package.
Part No. : LTV702V ( M, S, STA1 )-V
Page :
1 of 12
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn