Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTV702V-V Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part No. LTV702V-V
Description  Property of Lite-On Only
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV702V-V Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTV702V-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 5Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 6Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 7Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 8Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 9Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 10Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 11Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ISOLATION SPECIFICATION ACCORDING TO VDE 0884
Parameter
Symbol
Conditions
Rating
Unit
Remark
Class of environmental test
-
DIN IEC68
55/100/21
-
Pollution
-
DIN VDE0110
2
-
Maximum Operating
Isolation Voltage
VIORM
-
700
VPEAK
Diagram 1
tp=60s, qc<5pC
1050
VPEAK
Partial Discharge Test
Voltage (Between
Input and Output)
Diagram 2
Vpr
tp=1s, qc<5pC
1313
VPEAK
Maximum Over-voltage
VINITIAL
tINI = 10s
6000
VPEAK
Refer to the
Diagram 1, 2
Safety Maximum Ratings
1) Case Temperature
Tsi
IF = 0, Pc = 0
175
oC
2) Input Current
Isi
Pc=0
400
mA
3) Electric Power (Output or
Total Power Issipation)
Psi
-
700
mW
Refer to the
Figure 1, 3
Ta=Tsi
MIN.10
9
Ta=Topr(MAX.)
MIN.10
11
Isolation Resistance
(Test Voltage Between
Input and Output : DC500V)
RISO
Ta=25
oC
MIN.10
12
Precautions in performing isolation test
* Partial discharge test methods shall be the ones according to the specifications of
VDE 0884:1992-06
* Please don't carry out isolation test (Viso) over VINITIAL ,This product deteriorates
isolation characteristics by partial discharge due to applying high voltage
(ex. VINITIAL ). And there is possibility that this product occurs partial discharge in
operating isolation voltage (VIORM)
Part No. : LTV702V ( M, S, STA1 )-V
Page :
8 of 12
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn