Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTV702V-V Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part No. LTV702V-V
Description  Property of Lite-On Only
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV702V-V Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTV702V-V Datasheet HTML 3Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 5Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 6Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 7Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 8Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 9Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 10Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
RANK TABLE OF CURRENT TRANSFER RATIO CTR
MODEL NO.
RANK MARK
CTR ( % )
A
40 ~ 80
B
63 ~ 125
C
100 ~ 200
D
160 ~ 320
LTV702V-V
A or B or C or D or No mark
40 ~ 320
CONDITIONS
IF = 10 mA
VCE = 5 V
Ta = 25
°C
Part No. : LTV702V ( M, S, STA1 )-V
Page :
7 of 12
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn