Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTV702V-V Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part No. LTV702V-V
Description  Property of Lite-On Only
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV702V-V Datasheet(HTML) 6 Page - Lite-On Technology Corporation

Back Button LTV702V-V Datasheet HTML 2Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 3Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 5Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 6Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 7Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 8Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 9Page - Lite-On Technology Corporation LTV702V-V Datasheet HTML 10Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25
°C )
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT
CONDITIONS
Forward Voltage
VF
1.4
1.7
V
IF=60mA
Reverse Current
IR
10
µA
VR=6V
INPUT
Terminal Capacitance
Ct
30
250
pF
V=0, f=1KHz
Collector Dark Current
ICEO
50
nA
VCE=10V, IF=0
Collector-Emitter
Breakdown Voltage
BVCEO
70
V
IC=0.1mA
IF=0
Emitter-Collector
Breakdown Voltage
BVECO
6
V
IE=10
µA
IF=0
OUTPUT
Collector-Base
Breakdown Voltage
BVCBO
70
V
IC=0.1mA
IF=0
Collector Current
IC
4
32
mA
* Current Transfer Ratio
CTR
40
320
%
IF=10mA
VCE=5V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.25
0.4
V
IF=10mA
IC=2.5mA
Isolation Resistance
Riso
5
×1010 1×1011
DC500V
40 ~ 60% R.H.
Floating Capacitance
Cf
0.6
1
pF
V=0, f=1MHz
Cut-Off Frequency
fc
150
kHz
VCC=5V, IF=10mA
RL=75
Ω,-3dB
Response Time (Rise)
tr
2
7
µs
TRANSFER
CHARACTERISTICS
Response Time (Fall)
tf
2
8
µs
VCC=5V, IF=10mA
RL=75
* CTR
I
I
100%
C
F
Part No. : LTV702V ( M, S, STA1 )-V
Page :
6 of 12
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn