Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTV702FS-V Datasheet(PDF) 11 Page - Lite-On Technology Corporation

Part No. LTV702FS-V
Description  Property of Lite-On Only
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV702FS-V Datasheet(HTML) 11 Page - Lite-On Technology Corporation

Back Button LTV702FS-V Datasheet HTML 4Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 5Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 6Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 7Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 8Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 9Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 10Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 11Page - Lite-On Technology Corporation LTV702FS-V Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.11 Frequency Response
Fig.9 Collector Dark Current vs.
Frequency f (kHz)
-8
-10
0.5 1
-4
-2
-6
25 10 20
R = 200
500
100
50
200
150
75
Ambient temperature Ta ( C)
10
2
0
10
10
-30
-13
-12
20
040
Ambient Temperature
10
10
10
10
-11
-10
-9
-8
10
-7
-6
100
Vcc= 5V
I = 10mA
Ta= 25 C
F
o
o
60
80
90%
Test Circuit for Frequency Response
Output
Vcc
td
tr
tf
ts
Output
Test Circuit for Response Time
Load resistance RL (k )
Load Resistance
Fig.10 Response Time vs.
1
0.5
0.02
Input
Vcc
0.05
10
5
2
Output
Input
0.1
0.2
10%
0.5
tr
tf
o
Fig.7 Relative Current Transfer Ratio vs.
Ambient temperature Ta ( C)
50
-55
0
100
0
-25
25
Ambient Temperature
150
100
o
75
50
vs. Ambient Temperature
Ambient temperature Ta ( C)
Fig.8 Collector-emitter Saturation Voltage
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-55
-25
0
0.16
75
25
50
o
100
RD
RL
RD
RL
IF=10mA
VCC=5V
Ta= 25 C
IF=10mA
VCE=5V
IF= 10mA
IC=2.5mA
VCE=10V
Part No. : LTV702V ( M, S, STA1 )-V
Page : 11 of 12
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn